Electronic Components Datasheet Search
  English  ▼

X  

ADAV801 Datasheet(PDF) 52 Page - Analog Devices

Part # ADAV801
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADAV801 Datasheet HTML 48Page - Analog Devices ADAV801 Datasheet HTML 49Page - Analog Devices ADAV801 Datasheet HTML 50Page - Analog Devices ADAV801 Datasheet HTML 51Page - Analog Devices ADAV801 Datasheet HTML 52Page - Analog Devices ADAV801 Datasheet HTML 53Page - Analog Devices ADAV801 Datasheet HTML 54Page - Analog Devices ADAV801 Datasheet HTML 55Page - Analog Devices ADAV801 Datasheet HTML 56Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
ADAV801
Rev. 0 | Page 52 of 56
GAINCNTR1–0
RECMODE1–0
LIMDET
ALCEN
Table 79. ALC Control Register 1
FSSEL1–0
7, 6
5, 4
3, 2
1
0
ADDRESS = 1111011 (0x7B)
FSSEL1–0
These bits should equal the sample rate of the ADC.
00 = 96 kHz.
01 = 48 kHz.
10 = 32 kHz.
11 = Reserved.
GAINCNTR1–0
These bits determine the limit of the counter used in limited recovery mode.
00 = 3.
01 = 7.
10 = 15.
11 = 31.
RECMODE1–0
These bits determine which recovery mode is used by the ALC section.
00 = No recovery.
01 = Normal recovery.
10 = Limited recovery.
11 = Reserved.
LIMDET
These bits limit detect mode.
0 = ALC is used when either channel exceeds the set limit.
1 = ALC is used only when both channels exceed the set limit.
ALCEN
These bits enable ALC.
0 = Disable ALC.
1 = Enable ALC.
Table 80. ALC Control Register 2
RES
RECTH1–0
ATKTH1–0
RECTIME1–0
ATKTIME
7
6, 5
4, 3
2, 1
0
ADDRESS = 1111100 (0x7C)
RECTH1–0
Recovery threshold.
00 = −2 dB.
01 = −3 dB.
10 = −4 dB.
11 = −6 dB.
ATKTH1–0
Attack threshold.
00 = 0 dB.
01 = −1 dB.
10 = −2 dB.
11 = −4 dB.
RECTIME1–0
Recovery time selection.
00 = 32 ms.
01 = 64 ms.
10 = 128 ms.
11 = 256 ms.
ATKTIME
Attack timer selection.
0 = 1 ms.
1 = 4 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com