| Electronic Components Datasheet Search |
|
ADAV801 Datasheet(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAV801 Datasheet(HTML) 7 Page - Analog Devices |
|
7 / 56 page ![]() ADAV801 Rev. 0 | Page 7 of 56 Parameter Min Typ Max Unit Comments Master Mode tMLD xLRCLK Delay 5 ns From xBCLK falling edge tMDD xSDATA Delay 10 ns From xBCLK falling edge tMDS xSDATA Setup 10 ns From xBCLK rising edge tMDH xSDATA Hold 10 ns From xBCLK rising edge 1 The prefix x refers to I-, O-, IAUX-, or OAUX- for the full pin name. TEMPERATURE RANGE Table 4. Min Typ Max Unit Specifications Guaranteed 25 °C Functionality Guaranteed −40 +85 °C Storage −65 +150 °C |