Electronic Components Datasheet Search
  English  ▼

X  

PA035XSE Datasheet(PDF) 20 Page - AZ Displays

Part # PA035XSE
Description  This technical specification applies to 3.5inch color TFT-LCD panel.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PA035XSE Datasheet(HTML) 20 Page - AZ Displays

Back Button PA035XSE Datasheet HTML 16Page - AZ Displays PA035XSE Datasheet HTML 17Page - AZ Displays PA035XSE Datasheet HTML 18Page - AZ Displays PA035XSE Datasheet HTML 19Page - AZ Displays PA035XSE Datasheet HTML 20Page - AZ Displays PA035XSE Datasheet HTML 21Page - AZ Displays PA035XSE Datasheet HTML 22Page - AZ Displays PA035XSE Datasheet HTML 23Page - AZ Displays PA035XSE Datasheet HTML 24Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
PA035XSE
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not
be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View
International Co., Ltd.
Page:20
9. Power on Sequence(Voltage source)
The Power on Sequence only effect by VCC,VSS,VDD,VEE and VGH, the others do not care.
1) 10ms≦T1<T2
2) 0ms<T3≦T4≦10ms
10. Optical Characteristics
10-1) Specification
Ta = 25℃
Parameter
Symbol
Condition
MIN.
TYP. MAX.
Unit Remarks
Horizontal
θ
±
45
±
50
deg
θ
(to 12
o’clock)
CR≧10
10
15
deg Note 10-3
Viewing
Angle
Vertical
θ
(to 6
o’clock)
30
35
deg
Contrast Ratio
CR
At optimized
Viewing angle
200
350
Note 10-1
Rise
Tr
θ
=0°
15
30
ms
Response time
Fall
Tf
φ
=0°
25
50
ms
Note 10-4
Uniformity
U
65
70
3mA
200
250
Brightness
5mA
300
350
cd/㎡ Note 10-2
White
Chromaticity
X
y
θ
=0°
0.280
0.310
0.310
0.340
0.340
0.370
Note 10-2
Lamp Life Time
+25℃
30000
hrs
Note 10-5
V
SS(0V)
V
GH
ON
OFF
OFF
V
DD,VCC
V
EE
T1
T2
T3
T4
Logic signal
V
COM,VGL
RGB-Video signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com