Electronic Components Datasheet Search
  English  ▼

X  

PA035XSE Datasheet(PDF) 28 Page - AZ Displays

Part # PA035XSE
Description  This technical specification applies to 3.5inch color TFT-LCD panel.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PA035XSE Datasheet(HTML) 28 Page - AZ Displays

Back Button PA035XSE Datasheet HTML 20Page - AZ Displays PA035XSE Datasheet HTML 21Page - AZ Displays PA035XSE Datasheet HTML 22Page - AZ Displays PA035XSE Datasheet HTML 23Page - AZ Displays PA035XSE Datasheet HTML 24Page - AZ Displays PA035XSE Datasheet HTML 25Page - AZ Displays PA035XSE Datasheet HTML 26Page - AZ Displays PA035XSE Datasheet HTML 27Page - AZ Displays PA035XSE Datasheet HTML 28Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
PA035XSE
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not
be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View
International Co., Ltd.
Page:28
Revision History
Rev.
Issued
Date
Revised
Contents
0.1
Feb.3,2004
NEW
1.0
Mar.2,2004
Updata
Page:24
12. Reliability test Vibration Test& ShockTest ok
1.1
Oct.6,2004
Updata
Page9:Note 8-5 B/L Lamp voltage kick-off time
1.2
Oc.21,2004
Modify
Page 10: 8-5) Timing Characteristics Of Input Signals
Page 13: Fig.8-2 Horizontal Start Pixel
1.3
Jan.20,2005
Updata:
Page 20: Lamp current about 5mA brightness & lamp life time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com