Electronic Components Datasheet Search
  English  ▼

X  

PA035XSE Datasheet(PDF) 24 Page - AZ Displays

Part # PA035XSE
Description  This technical specification applies to 3.5inch color TFT-LCD panel.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PA035XSE Datasheet(HTML) 24 Page - AZ Displays

Back Button PA035XSE Datasheet HTML 20Page - AZ Displays PA035XSE Datasheet HTML 21Page - AZ Displays PA035XSE Datasheet HTML 22Page - AZ Displays PA035XSE Datasheet HTML 23Page - AZ Displays PA035XSE Datasheet HTML 24Page - AZ Displays PA035XSE Datasheet HTML 25Page - AZ Displays PA035XSE Datasheet HTML 26Page - AZ Displays PA035XSE Datasheet HTML 27Page - AZ Displays PA035XSE Datasheet HTML 28Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
PA035XSE
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not
be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View
International Co., Ltd.
Page:24
12. Reliability
No.
Test Item
Test Condition
1
High Temperature Storage Test
Ta = +70 ℃, 240 hrs
2
Low Temperature Storage Test
Ta = -20℃, 240 hrs
3
Low Temperature Operation Test
Ta = 0 ℃, 240 hrs
4
High Temperature & High Humidity
Operation Test
Ta = +60℃, 90%RH, 240 hrs
5
Thermal Cycling Test
(non-operating)
-25℃ →+70℃, 200 Cycles
30 min
30 min
6
Vibration Test
(non-operating)
Frequency:10 ~ 55 HZ
Amplitude:1.0 mm
Sweep time: 11 mins
Test Period: 6 Cycles for each direction of X, Y, Z
7
Shock Test
(non-operating)
100G, 6ms
Direction: ±X, ±Y, ±Z
Cycle: 3 times
8
Electrostatic Discharge Test
(non-operating)
Machine Mode=±200V
C=200pF,R=0Ω
1 times discharge for each pad
Ta: ambient temperature
Note: The protective film must be removed before temperature test.
[Criteria]
Under the display quality test conditions with normal operation state, there should be no
change which may affect practical display function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com