Electronic Components Datasheet Search
  English  ▼

X  

LP2371LT3G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LP2371LT3G
Description  P-Channel 100-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP2371LT3G Datasheet(HTML) 2 Page - Leshan Radio Company

  LP2371LT3G Datasheet HTML 1Page - Leshan Radio Company LP2371LT3G Datasheet HTML 2Page - Leshan Radio Company LP2371LT3G Datasheet HTML 3Page - Leshan Radio Company LP2371LT3G Datasheet HTML 4Page - Leshan Radio Company LP2371LT3G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LP2371LT1G, S-LP2371LT1G
P-Channel 100-V (D-S) MOSFET
5. ELECTRICAL CHARACTERISTICS (Ta= 25ºC)
Drain–Source Breakdown Voltage
(VGS = 0, ID = -250μA)
Gate Threshold Voltage
(VDS = VGS, ID = -250μA)
Gate Leakage Current
(VDS =0V, VGS =±20V)
Zero Gate Voltage Drain Current
(VGS = 0V, VDS = -80 V)
(VGS = 0V, VDS = -80 V,TJ = 55°C)
Static Drain–Source On–State Resistance
(VGS = -10 V, ID = -1 A)
(VGS = -4.5 V, ID = -0.9 A)
Diode Forward Voltage
(VGS = 0 V, IS = -0.8 A)
Total Gate Charge
(VGS = -4.5 V, ID =-1A,VDS= -50 V)
Gate-Source Charge
(VGS = -4.5 V, ID =-1A,VDS= -50 V)
Gate-Drain Charge
(VGS = -4.5 V, ID =-1A,VDS= -50 V)
Input Capacitance
(VGS = 0 V, f = 1.0MHz,VDS= -15 V)
Output Capacitance
(VGS = 0 V, f = 1.0MHz,VDS= -15 V)
Reverse Transfer Capacitance
(VGS = 0 V, f = 1.0MHz,VDS= -15 V)
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
3.Pulse Test: Pulse Width ≤
300 μs, Duty Cycle ≤2.0%.
-
-
-1
IGSS
-
-
±100
VBRDSS
472
-
Coss
Crss
-
18.6
-
-
14.4
-
-
1.4
tf
V
-3.5
-
1.1
-
ns
IDSS
-
-
-25
-
V
(VDD = -50V, RL= 50Ω
ID = -1A, VGEN = -10V
RG = 6.2Ω)
-
19.9
-
-
1.9
-
-
3.6
-
RDS(on)
-1
V
td(on)
tr
td(off)
-
-
-
1.5
Qgd
-
1.2
-
-100
-
-
μA
nA
Ω
Ciss
-
-
-
-0.81
VGS(th)
STATIC
Characteristic
Unit
Symbol
Min.
Typ.
Max.
pF
VSD
DYNAMIC
Qg
-
4
-
Qgs
-
1.6
-
nC
Leshan Radio Company, LTD.
Rev.A May. 2020
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com