Electronic Components Datasheet Search
  English  ▼

X  

LP2371LT3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LP2371LT3G
Description  P-Channel 100-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP2371LT3G Datasheet(HTML) 1 Page - Leshan Radio Company

  LP2371LT3G Datasheet HTML 1Page - Leshan Radio Company LP2371LT3G Datasheet HTML 2Page - Leshan Radio Company LP2371LT3G Datasheet HTML 3Page - Leshan Radio Company LP2371LT3G Datasheet HTML 4Page - Leshan Radio Company LP2371LT3G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1. FEATURES
●
RDS(ON)≤
1.4Ω, Vgs@-10V
●
RDS(ON)≤
1.5Ω, Vgs@-4.5V
●
Fast switching speed
●
Low RDS(on) trench technology
●
We declare that the material of product compliance with
RoHS requirements and Halogen Free.
●
S- prefix for automotive and other applications requiring
unique site and control change requirements; AEC-Q101
qualified and PPAP capable.
2. APPLICATIONS
●
PoE Power Sourcing Equipment
●
PoE Powered Devices
●
Telecom DC/DC converters
●
White LED boost converters
3. DEVICE MARKING AND ORDERING INFORMATION
4. MAXIMUM RATINGS(Ta = 25ºC)
Junction Temperature
Storage Temperature Range
1.Surface Mounted on 1” x 1” FR4 Board.
2.Pulse width limited by maximum junction temperature.
Device
VGS
LP2371LT1G
S-LP2371LT1G
P-Channel 100-V (D-S) MOSFET
Unit
VDSS
Marking
Shipping
LP2371LT1G
3000/Tape&Reel
V
V
LP2371LT3G
10000/Tape&Reel
Symbol
Parameter
Drain–Source Voltage
Gate–to–Source Voltage – Continuous
Ta=25℃
Ta=70℃
Continuous Drain Current(Note 1)
Limits
Thermal Resistance-Junction to Ambient(Note 1)
Tj
Tstg
RθJA
Steady State
t≤10s
100
166
150
-55~+150
Ta=70℃
Power Dissipation(Note 1)
PD
Pulsed Drain Current(Note 2)
IDM
Ta=25℃
ID
Continuous Source Current (Diode Conduction)
IS
-1.6
℃
℃
℃/W
-100
±20
-1
-0.8
-10
1.3
0.8
W
A
A
SOT23(TO-236)
Leshan Radio Company, LTD.
E9
E9
Rev.A May. 2020
1/5


Similar Part No. - LP2371LT3G

ManufacturerPart #DatasheetDescription
logo
Pentair Equipment Prote...
LP2377 HOFFMANPRODUCTS-LP2377 Datasheet
296Kb / 2P
INLINE™ Accessories
LP2377G HOFFMANPRODUCTS-LP2377G Datasheet
296Kb / 2P
INLINE™ Accessories
More results

Similar Description - LP2371LT3G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM90P10-19L VISHAY-SUM90P10-19L Datasheet
229Kb / 3P
P-Channel 100-V (D-S) MOSFET
24-Jul-06
logo
Analog Power
AM90P10-30P ANALOGPOWER-AM90P10-30P Datasheet
123Kb / 3P
P-Channel 100-V (D-S) MOSFET
AM3471P ANALOGPOWER-AM3471P Datasheet
101Kb / 3P
P-Channel 100-V (D-S) MOSFET
AM7411P ANALOGPOWER-AM7411P Datasheet
372Kb / 5P
P-Channel 100-V (D-S) MOSFET
AM40P10-200P ANALOGPOWER-AM40P10-200P Datasheet
342Kb / 5P
P-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SISS71DN VISHAY-SISS71DN Datasheet
254Kb / 9P
P-Channel 100 V (D-S) MOSFET
11-Jul-16
SI7457DP VISHAY-SI7457DP Datasheet
317Kb / 13P
P-Channel 100-V (D-S) MOSFET
16-Feb-09
SUP40P10-43 VISHAY-SUP40P10-43 Datasheet
106Kb / 6P
P-Channel 100-V (D-S) MOSFET
05-Oct-09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com