Electronic Components Datasheet Search
  English  ▼

X  

LP2371LT3G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LP2371LT3G
Description  P-Channel 100-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP2371LT3G Datasheet(HTML) 3 Page - Leshan Radio Company

  LP2371LT3G Datasheet HTML 1Page - Leshan Radio Company LP2371LT3G Datasheet HTML 2Page - Leshan Radio Company LP2371LT3G Datasheet HTML 3Page - Leshan Radio Company LP2371LT3G Datasheet HTML 4Page - Leshan Radio Company LP2371LT3G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
6.ELECTRICAL CHARACTERISTICS CURVES
0.0
0.4
0.8
1.2
1.6
2.0
0
2
4
6
8
10
VGS(V)
ID=1.0A
150
℃
25
℃
-55
℃
0.002
0.02
0.2
2
20
0.2
0.4
0.6
0.8
1.0
1.2
VSD(V)
150
℃
25
℃
-55
℃
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VGS(V)
VDS=10V
150
℃
25
℃
-55
℃
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
1
2
3
4
5
VDS(V)
VGS=2.5V
VGS=3.0V
VGS=3.5V,4V,10V
ID vs. VDS
ID vs. VGS
IS vs. VSD
RDSON vs. VGS
Leshan Radio Company, LTD.
Rev.A May. 2020
3/5
LP2371LT1G, S-LP2371LT1G
P-Channel 100-V (D-S) MOSFET



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com