Electronic Components Datasheet Search
  English  ▼

X  

LP4565T1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LP4565T1G
Description  P-Channel 60-V (D-S) MOSFET Low rDS(on) trench technology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP4565T1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LP4565T1G Datasheet HTML 1Page - Leshan Radio Company LP4565T1G Datasheet HTML 2Page - Leshan Radio Company LP4565T1G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 uA
-1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±10
uA
VDS = -48 V, VGS = 0 V
-1
VDS = -48 V, VGS = 0 V, TJ = 55°C
-10
On-State Drain Current
a
ID(on)
VDS = -5 V, VGS = -10 V
-7.5
A
VGS = -10 V, ID = -4 A
82
VGS = -4.5 V, ID = -3.2 A
100
Forward Transconductance
a
gfs
VDS = -15 V, ID = -4 A
9
S
Diode Forward Voltage
a
VSD
IS = -2.1 A, VGS = 0 V
-0.83
V
Total Gate Charge
Qg
10
Gate-Source Charge
Qgs
4.2
Gate-Drain Charge
Qgd
3.1
Turn-On Delay Time
td(on)
7
Rise Time
tr
5
Turn-Off Delay Time
td(off)
37
Fall Time
tf
14
Input Capacitance
Ciss
1146
Output Capacitance
Coss
84
Reverse Transfer Capacitance
Crss
60
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
pF
VDS = -15 V, VGS = 0 V, f = 1 Mhz
mΩ
rDS(on)
nC
VDS = -30 V, RL = 7.5 Ω,
ID = -4 A,
VGEN = -10 V, RGEN = 6 Ω
VDS = -30 V, VGS = -4.5 V,
ID = -4 A
Drain-Source On-Resistance
a
Zero Gate Voltage Drain Current
Static
uA
6. Electrical Characteristics
IDSS
Dynamic
b
ns
Leshan Radio Company, LTD.
2/3
LP4565DT1AG
60V P-Channel Enhancement MOSFET
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Rev.A Nov. 2019



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com