Electronic Components Datasheet Search
  English  ▼

X  

LP4565T1G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LP4565T1G
Description  P-Channel 60-V (D-S) MOSFET Low rDS(on) trench technology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP4565T1G Datasheet(HTML) 3 Page - Leshan Radio Company

  LP4565T1G Datasheet HTML 1Page - Leshan Radio Company LP4565T1G Datasheet HTML 2Page - Leshan Radio Company LP4565T1G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Leshan Radio Company, LTD.
5/5
60V P-Channel Enhancement MOSFET
LP4565DT1AG
Rev.A Nov. 2019
OUTLINE AND DIMENSIONS
SOLDERING FOOTPRINT
DIM
MIN
NOR
MAX
A
−−
1.75
A1 0.10
0.15
0.20
A2 1.35
1.45
1.55
b
0.33
0.42
0.51
c
0.15
0.22
0.29
D
4.77
4.90
5.03
E
5.80
6.00
6.20
E1 3.80
3.90
4.00
e
L
0.46
0.66
0.86
L1
0.85
1.05
1.25
θ0º
5º
8º
B
−−
0.55
H
0
0.05
0.10
All Dimensions in mm
SOP8
1.27BSC
DIM
(mm)
X
0.60
Y
1.55
C1
5.40
C2
1.27
SOP8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com