Electronic Components Datasheet Search
  English  ▼

X  

LP4565T1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LP4565T1G
Description  P-Channel 60-V (D-S) MOSFET Low rDS(on) trench technology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP4565T1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LP4565T1G Datasheet HTML 1Page - Leshan Radio Company LP4565T1G Datasheet HTML 2Page - Leshan Radio Company LP4565T1G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P-Channel 60-V (D-S) MOSFET
1. Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
2. Typical Applications:
• Load Switches
• DC/DC Conversion
• Motor Drives
Leshan Radio Company, LTD.
1/3
3. ORDERING INFORMATION
Device
Marking
Shipping
LP4565T1G
4000/Tape&Reel
4. MAXIMUM RATINGS(Ta = 25ºC unless otherwise stated)
Note:
1.Surface Mounted on 1” x 1” FR4 Board.
2.Pulse width limited by maximum junction temperature.
5. THERMAL CHARACTERISTICS
Continuous Drain Current(Note 1)
Power Dissipation(Note 1)
TA =25°C
TA =70°C
ID
PD
IS
ºC/W
Unit
Maximum Junction-to-Ambient (Note 1)
t≤10S
Steady State
Parameter
RθJA
Symbol
Max
45
95
-5
IDM
-20
-1.6
-7
A
TA =25°C
TA =70°C
A
W
−55 ~+150
Operating Junction and Storage Temperature Range
Symbol
Limits
Unit
Drain−to−Source Voltage
VDSS
-60
Gate−to−Source Voltage
VGS
±20
2.9
1.8
TJ , TSTG
ºC
Continuous Source Current (Diode Conduction)(Note 1)
Pulsed Drain Current (Note 2)
V
V
A
Parameter
LP4565T1G
LP4565
SO-8
Rev.A Nov. 2019


Similar Part No. - LP4565T1G

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
LP450 PULSE-LP450 Datasheet
294Kb / 11P
Outside coupler and factory tuned whip only for KG UHF glass mount antennas
LP450 PULSE-LP450 Datasheet
395Kb / 3P
UHF 406-512 MHz
LP450 PULSE-LP450 Datasheet
294Kb / 11P
Outside coupler and factory tuned whip only for KG UHF glass mount antennas
LP450NMO PULSE-LP450NMO Datasheet
294Kb / 11P
Outside coupler and factory tuned whip only for KG UHF glass mount antennas
LP450NMO PULSE-LP450NMO Datasheet
395Kb / 3P
UHF 406-512 MHz
More results

Similar Description - LP4565T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LN7266DT1WG LRC-LN7266DT1WG Datasheet
549Kb / 6P
N-Channel 60-V (D-S) MOSFET Low RDS(on) trench technology
LN7466DT1WG LRC-LN7466DT1WG Datasheet
1Mb / 5P
N-Channel 60-V (D-S) MOSFET Low RDS(on) trench technology
LP8233DT1AG LRC-LP8233DT1AG Datasheet
701Kb / 5P
P-Channel 20-V (D-S) MOSFET Low RDS(on) trench technology
LPB8615DT0AG LRC-LPB8615DT0AG Datasheet
269Kb / 5P
P-Channel 60-V (D-S) MOSFET Low RDS(on) trench technology
S-LNB8260DT1AG LRC-S-LNB8260DT1AG Datasheet
434Kb / 5P
N-Channel 60-V (D-S) MOSFET Low RDS(on) trench technology.
S-LPB8615DT0AG LRC-S-LPB8615DT0AG Datasheet
275Kb / 5P
P-Channel 60-V (D-S) MOSFET Low RDS(on) trench technology
S-LPB8619DT0AG LRC-S-LPB8619DT0AG Datasheet
524Kb / 6P
P-Channel 60-V (D-S) MOSFET Low RDS(on) trench technology
S-LPB8619DT1AG LRC-S-LPB8619DT1AG Datasheet
981Kb / 5P
P-Channel 60-V (D-S) MOSFET Low RDS(on) trench technology.
LN2605T1G LRC-LN2605T1G Datasheet
590Kb / 5P
N-Channel 60-V (D-S) MOSFET Low RDS(on) trench technology.
LPB2680LT1G LRC-LPB2680LT1G Datasheet
912Kb / 5P
P-Channel 60-V (D-S) MOSFET Low RDS(on) trench technology
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com