Electronic Components Datasheet Search
  English  ▼

X  

MAX5621 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5621
Description  16-Bit DACs with 16-Channel
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5621 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5621 Datasheet HTML 1Page - Maxim Integrated Products MAX5621 Datasheet HTML 2Page - Maxim Integrated Products MAX5621 Datasheet HTML 3Page - Maxim Integrated Products MAX5621 Datasheet HTML 4Page - Maxim Integrated Products MAX5621 Datasheet HTML 5Page - Maxim Integrated Products MAX5621 Datasheet HTML 6Page - Maxim Integrated Products MAX5621 Datasheet HTML 7Page - Maxim Integrated Products MAX5621 Datasheet HTML 8Page - Maxim Integrated Products MAX5621 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX5621/MAX5622/MAX5623 are 16-bit digital-to-
analog converters (DACs) with 16 sample-and-hold
(SHA) outputs for applications where a high number of
programmable voltages are required. These devices
include a clock oscillator and a sequencer that updates
the DAC with codes from an internal SRAM. No external
components are required to set offset and gain.
The MAX5621/MAX5622/MAX5623 feature a -4.5V to
+9.2V output voltage range. Other features include a
200µV/step resolution, with output linearity error, typi-
cally 0.005% of full-scale range (FSR). The 100kHz
refresh rate updates each SHA every 320µs, resulting
in negligible output droop. Remote ground sensing
allows the outputs to be referenced to the local ground
of a separate device.
These devices are controlled through a 20MHz
SPI™/QSPI™/MICROWIRE™-compatible 3-wire serial
interface. Immediate update mode allows any channel’s
output to be updated within 20µs. Burst mode allows
multiple values to be loaded into memory in a single,
high-speed data burst. All channels are updated within
330µs after data has been loaded.
Each device features an output clamp and output resis-
tors for filtering. The MAX5621 features a 50Ω output
impedance and is capable of driving up to 250pF of out-
put capacitance. The MAX5622 features a 500Ω output
impedance and is capable of driving up to 10nF of output
capacitance. The MAX5623 features a 1kΩ output imped-
ance and is capable of driving up to 10nF of output
capacitance.
The MAX5621/MAX5622/MAX5623 are available in 64-pin
TQFP (10mm x 10mm) and 68-pin thin QFN (10mm x
10mm) packages.
________________________Applications
MEMS Mirror Servo Control
Industrial Process Control
Automatic Test Equipment
Instrumentation
Features
♦ Integrated 16-Bit DAC and 16-Channel SHA with
SRAM and Sequencer
♦ 16 Voltage Outputs
♦ 0.005% Output Linearity
♦ 200µV Output Resolution
♦ Flexible Output Voltage Range
♦ Remote Ground Sensing
♦ Fast Sequential Loading: 1.3µs per Register
♦ Burst and Immediate Mode Addressing
♦ No External Components Required for Setting
Gain and Offset
♦ Integrated Output Clamp Diodes
♦ Three Output Impedance Options
MAX5621 (50Ω), MAX5622 (500Ω), and
MAX5623 (1kΩ)
19-2715; Rev 1; 2/05
16-Bit DACs with 16-Channel
Sample-and-Hold Outputs
________________________________________________________________ Maxim Integrated Products
1
Pin Configurations
Ordering Information
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor, Corp.
PART
TEMP RANGE*
PIN-PACKAGE
MAX5621UCB
0
oC to +85oC
64 TQFP
MAX5621UTK
0
oC to +85oC
68 Thin QFN-EP**
MAX5622UCB
0
oC to +85oC
64 TQFP
MAX5622UTK
0
oC to +85
oC
68 Thin QFN-EP**
MAX5623UCB
0
oC to +85oC
64 TQFP
MAX5623UTK
0
oC to +85oC
68 Thin QFN-EP**
Pin Configurations continued at end of data sheet.
38
39
40
41
42
43
44
45
46
47
THIN QFN
TOP VIEW
35
36
37
48
49
50
11
10
9
8
7
6
5
4
3
2
16
15
14
13
12
1
MAX5621
MAX5622
MAX5623
ECLK
CH
VSS
OUT10
N.C.
OUT9
N.C.
OUT8
AGND
VDD
N.C.
OUT7
N.C.
OUT6
N.C.
CL
IMMED
VLOGIC
SCLK
DIN
CS
VSS
17
N.C.
AGND
VLSHA
DGND
CLKSEL
RST
VLDAC
GS
N.C.
VDD
51 N.C.
N.C.
*For other temperature ranges, contact factory.
**EP = Exposed pad.


Similar Part No. - MAX5621

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5621 MAXIM-MAX5621 Datasheet
363Kb / 16P
16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
MAX5621UCB MAXIM-MAX5621UCB Datasheet
363Kb / 16P
16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
MAX5621UTK MAXIM-MAX5621UTK Datasheet
363Kb / 16P
16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
MAX5621 MAXIM-MAX5621_06 Datasheet
363Kb / 16P
16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
More results

Similar Description - MAX5621

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1595 LINER-LTC1595 Datasheet
299Kb / 12P
Serial 16-Bit Multiplying DACs
logo
Maxim Integrated Produc...
MAX5732 MAXIM-MAX5732 Datasheet
451Kb / 26P
32-Channel, 16-Bit, Voltage-Output DACs with Serial Interface
Rev 4; 12/04
logo
Sipex Corporation
HS7516 SIPEX-HS7516 Datasheet
127Kb / 8P
16-Bit Multiplying DACs
logo
Maxim Integrated Produc...
MAX5621 MAXIM-MAX5621_06 Datasheet
363Kb / 16P
16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
logo
Analog Devices
AD1851 AD-AD1851_15 Datasheet
200Kb / 12P
16-Bit/18-Bit, 16 FS PCM Audio DACs
REV. A
logo
Linear Technology
LTC1595 LINER-LTC1595_15 Datasheet
254Kb / 16P
Serial 16-Bit Multiplying DACs
LTC1596 LINER-LTC1596_15 Datasheet
254Kb / 16P
Serial 16-Bit Multiplying DACs
LTC1596-1 LINER-LTC1596-1_15 Datasheet
254Kb / 16P
Serial 16-Bit Multiplying DACs
logo
Texas Instruments
DAC81416 TI1-DAC81416 Datasheet
550Kb / 42P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com