Electronic Components Datasheet Search
  English  ▼

X  

MAX5621 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5621
Description  16-Bit DACs with 16-Channel
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5621 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5621 Datasheet HTML 2Page - Maxim Integrated Products MAX5621 Datasheet HTML 3Page - Maxim Integrated Products MAX5621 Datasheet HTML 4Page - Maxim Integrated Products MAX5621 Datasheet HTML 5Page - Maxim Integrated Products MAX5621 Datasheet HTML 6Page - Maxim Integrated Products MAX5621 Datasheet HTML 7Page - Maxim Integrated Products MAX5621 Datasheet HTML 8Page - Maxim Integrated Products MAX5621 Datasheet HTML 9Page - Maxim Integrated Products MAX5621 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
16-Bit DACs with 16-Channel
Sample-and-Hold Outputs
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = +10V, VSS = -4V, VREF = +2.5V, VGS = 0V, TA = +25°C, unless otherwise noted.)
400
500
700
600
800
900
LOGIC SUPPLY CURRENT
vs. LOGIC SUPPLY VOLTAGE
LOGIC SUPPLY VOLTAGE (V)
4.75
5.25
5.00
5.50
INTERFACE INACTIVE
0
400
200
800
600
1000
1200
LOGIC SUPPLY CURRENT
VS.
LOGIC INPUT HIGH VOLTAGE
LOGIC INPUT HIGH VOLTAGE (V)
2.0
3.0
3.5
2.5
4.0
4.5
5.0
fSCLK = 20MHz
20
22
24
26
28
30
32
34
36
-40
-15
10
35
60
85
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
ISS
IDD
INTERFACE INACTIVE
POSITIVE SETTLING TIME
(8V STEP)
MAX5621 toc13
VOUT_
ECLK
0V
5V/div
3.5V
1µs/div
NEGATIVE SETTLING TIME
(8V STEP)
MAX5621 toc14
VOUT_
ECLK
0V
5V/div
3.5V
1µs/div
POSITIVE SETTLING TIME
(100mV STEP)
MAX5621 toc15
VOUT_
ECLK
0V
50mV/div
AC-COUPLED
3.5V
1µs/div
NEGATIVE SETTLING TIME
(100mV STEP)
MAX5621 toc16
VOUT_
ECLK
0V
50mV/div
AC-COUPLED
3.5V
1µs/div
OUTPUT NOISE
MAX5621 toc17
OUT_
1mV/div
250µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com