Electronic Components Datasheet Search
  English  ▼

X  

MAX5621 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5621
Description  16-Bit DACs with 16-Channel
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5621 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5621 Datasheet HTML 1Page - Maxim Integrated Products MAX5621 Datasheet HTML 2Page - Maxim Integrated Products MAX5621 Datasheet HTML 3Page - Maxim Integrated Products MAX5621 Datasheet HTML 4Page - Maxim Integrated Products MAX5621 Datasheet HTML 5Page - Maxim Integrated Products MAX5621 Datasheet HTML 6Page - Maxim Integrated Products MAX5621 Datasheet HTML 7Page - Maxim Integrated Products MAX5621 Datasheet HTML 8Page - Maxim Integrated Products MAX5621 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
16-Bit DACs with 16-Channel
Sample-and-Hold Outputs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +10V, VSS = -4V, VLOGIC = VLDAC = VLSHA = +5V, VREF = +2.5V, AGND = DGND = VGS = 0V, RL ≥ 10MΩ, CL = 50pF,
CLKSEL = +5V, fECLK = 400kHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC CHARACTERISTICS
Sample-and-Hold Settling
(Note 4)
0.08
%
SCLK Feedthrough
0.5
nV-s
fSEQ Feedthrough
0.5
nV-s
Hold-Step
0.25
1mV
Droop Rate
VOUT_ = 0V (Note 5), TA = +25°C
1
40
mV/s
Output Noise
250
µVRMS
REFERENCE INPUT
Input Resistance
7k
Ω
Reference Input Voltage
VREF
2.5
V
GROUND-SENSE INPUT
Input Voltage Range
VGS
-0.5
+0.5
V
Input Bias Current
IGS
-0.5V
≤ VGS ≤ +0.5V
-60
0
µA
GS Gain
(Note 6)
0.998
1
1.002
V/V
DIGITAL INTERFACE DC CHARACTERISTICS
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.8
V
Input Current
±1µA
TIMING CHARACTERISTICS (Figure 2)
Sequencer Clock Frequency
fSEQ
Internal oscillator
80
100
120
kHz
External Clock Frequency
fECLK
(Note 7)
480
kHz
SCLK Frequency
fSCLK
20
MHz
SCLK Pulse Width High
tCH
15
ns
SCLK Pulse Width Low
tCL
15
ns
CS Low to SCLK High Setup
Time
tCSSO
15
ns
CS High to SCLK High Setup
Time
tCSS1
15
ns
SCLK High to
CS Low Hold Time
tCSH0
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com