Electronic Components Datasheet Search
  English  ▼

X  

97SD3232 Datasheet(PDF) 8 Page - Maxwell Technologies

Part # 97SD3232
Description  1 Gb SDRAM 8-Meg X 32 Bit X 4-Banks
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

97SD3232 Datasheet(HTML) 8 Page - Maxwell Technologies

Back Button 97SD3232 Datasheet HTML 4Page - Maxwell Technologies 97SD3232 Datasheet HTML 5Page - Maxwell Technologies 97SD3232 Datasheet HTML 6Page - Maxwell Technologies 97SD3232 Datasheet HTML 7Page - Maxwell Technologies 97SD3232 Datasheet HTML 8Page - Maxwell Technologies 97SD3232 Datasheet HTML 9Page - Maxwell Technologies 97SD3232 Datasheet HTML 10Page - Maxwell Technologies 97SD3232 Datasheet HTML 11Page - Maxwell Technologies 97SD3232 Datasheet HTML 12Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
97SD3232
8
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
1 Gb (8-Meg X 32-Bit X 4-Banks) SDRAM
01.11.05 Rev 2
Command Operation
Command Truth Table
The SDRAM recognizes the following commands specified by the CS, RAS, CAS, WE and address pins:
Note: H: V
IH L: VIL x VIH or VIL V: Valid address input
Ignore command (DESL): When this command is set (CS = High), the SDRAM ignores command input at
the clock. However, the internal status is held.
No Operation (NOP): This command is not an execution command. However, the internal operations
continue.
Column address strobe and read command (READ): This command starts a read operation. In addition,
the start address of a burst read is determined by the column address (AY0 to AY9) and the bank select
address (BS). After the read operation, the output buffer becomes High-Z.
Read with auto-precharge (READ A): This command automatically performs a precharge operation after a
burst read with a burst length of 1, 2, 4, or 8.
COMMAND
SYMBOL
N
-1
N
CS
RAS
CAS
WE
BA0/
BA1
A10
A0 TO
A12
Ignore command
DESL
H
x
H
x
x
x
x
x
x
No Operation
NOP
H
x
L
H
H
H
x
x
x
Column Address and
Read command
READ
H
x
LH
LH
V
L
V
Read with auto-pre-
charge
READ A
H
x
L
H
L
H
V
H
V
Column Address and
write command
WRIT
H
x
L
H
L
L
V
L
V
Write with auto-pre-
charge
WRIT A
H
x
L
H
L
L
V
H
V
Row address strobe
and bank active
ACTV
H
x
L
L
H
H
V
V
V
Precharge select
bank
PRE
H
x
L
L
H
L
V
L
x
Precharge all banks
PALL
H
x
L
L
H
L
x
H
x
Refresh
REF/
SELF
H
LLLL
H
x
x
x
Mode register set
MRS
H
x
LLLL
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com