Electronic Components Datasheet Search
  English  ▼

X  

PI90LVP10 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI90LVP10
Description  LVTTL to Differential LVPECL Translator with Enable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LVP10 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI90LVP10 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LVP10 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LVP10 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LVP10 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LVP10 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS8646A
10/04/04
LVTTL/
LVCMOS
LVPECL
VDD
1
NC
8
D
2
Q
7
NC
3
QN
6
GND
4
/EN
5
Features
• Differential LVPECL outputs
• Flow-through pinout
• –40°C to 85°C operating temperature range
• ESD rating: >2000V (Human body Model)
• Packaging (Pb-free & Green available):
- 8-pin SOIC (W)
- 8-pin MSOP (U)
Description
ThePI90LVP10isagenrealpurposeLVTTL(CMOS)todifferential
LVPECL translator, with active-LOW enable. The device operates
from a single 3.3V supply. When /EN is LOW, the device accepts
LVTTL input and provides differential LVPECL outpts referenced
to the positive supply rail. When /EN is HIGH, the Q output is set
in LOW state and QN output is set in HIGH state.
Block Diagram
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LVP10
LVTTL to Differential LVPECL
Translator with Enable
8-Pin
(W,U)
e
m
a
Nn
o
i
t
p
i
r
c
s
e
De
p
y
T#
n
i
P
N
E
/e
l
b
a
n
e
W
O
L
e
v
i
t
c
A
t
u
p
n
I*
4
Qt
u
p
t
u
o
a
t
a
d
L
C
E
PO
2
N
Qy
r
a
t
n
e
m
e
l
p
m
o
c
L
C
E
P
t
u
p
t
u
o
a
t
a
d
O3
V D
D
V
3
.
3
o
t
t
c
e
n
n
o
CP
8
DS
O
M
C
V
L
/
L
T
T
V
LI
7
D
N
Gd
n
u
o
r
g
o
t
t
c
e
n
n
o
CP
5
PinDescription
Notes:
I = Input
O = Output
P = Power Supply Connection
* = Internal 150K pull-down resistor


Similar Part No. - PI90LVP10

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV01 PERICOM-PI90LV01 Datasheet
198Kb / 8P
SOTiny LVDS High-Speed Differential Line Driver
PI90LV017A PERICOM-PI90LV017A Datasheet
326Kb / 10P
3V LVDS High-Speed Differential Line Drivers
PI90LV017AUE PERICOM-PI90LV017AUE Datasheet
566Kb / 11P
3V LVDS High-Speed Differential Line Drivers
PI90LV017AWE PERICOM-PI90LV017AWE Datasheet
566Kb / 11P
3V LVDS High-Speed Differential Line Drivers
PI90LV018A PERICOM-PI90LV018A Datasheet
326Kb / 10P
3V LVDS High-Speed Differential Line Drivers
More results

Similar Description - PI90LVP10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT21 ONSEMI-MC100EPT21 Datasheet
66Kb / 4P
Differential LVPECL to LVTTL Translator
Sep, 1999 ??Rev. 1.0
MC100EPT23 ONSEMI-MC100EPT23 Datasheet
65Kb / 8P
Dual Differential LVPECL to LVTTL Translator
February, 2005 ??Rev. 11
logo
Micrel Semiconductor
SY100EPT21L MICREL-SY100EPT21L Datasheet
87Kb / 8P
3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L Datasheet
51Kb / 4P
3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89322V MICREL-SY89322V Datasheet
44Kb / 5P
LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY89328L MICREL-SY89328L Datasheet
47Kb / 6P
3V LVTTL-TO-DIFFERENTIAL, LVPECL AND DIFFERENTIAL, LVPECL-TO-LVTTL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L_06 Datasheet
56Kb / 5P
3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10EPT28L MICREL-SY10EPT28L Datasheet
115Kb / 7P
3V LVTTL-TO-DIFFERENTIAL LVPECL AND DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
SY100EPT21L MICREL-SY100EPT21L_05 Datasheet
115Kb / 6P
3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
logo
ON Semiconductor
MC10EPT20 ONSEMI-MC10EPT20_16 Datasheet
168Kb / 10P
LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com