Electronic Components Datasheet Search
  English  ▼

X  

PI90LVP10 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI90LVP10
Description  LVTTL to Differential LVPECL Translator with Enable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LVP10 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI90LVP10 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LVP10 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LVP10 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LVP10 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LVP10 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LVP10
LVTTL to Differential LVPECL
Translator with Enable
3
PS8646A
10/04/04
DC Characteristics(TA = –40°C to +85°C, VDD=3.0Vto3.6Vunlessotherwise)
Notes:
1. The PI90LVP10 is designed to meet these specifications after thermal equilibrium has been established. The circuit is in a test
socket or mounted on a printed circuit board.
2. Q and QN outputs are loaded with 50 ohms to VDD-2volts.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
t H
L
P
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
)
1
(
7
.
02
.
1
s
n
t L
H
P
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
)
1
(
7
.
02
.
1
t H
L
P
y
a
l
e
D
n
o
it
a
g
a
p
o
r
PN
Q
,
Q
o
t
N
E
/0
.
15
.
1
t L
H
P
y
a
l
e
D
n
o
it
a
g
a
p
o
r
PN
Q
,
Q
o
t
N
E
/0
.
15
.
1
t /rtf
e
m
it
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
-
%
0
20
1
.
07
.
0
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
n
I
m
u
m
i
x
a
Mt
u
p
n
i
S
O
M
C
V
L
r
o
L
T
T
V
L
0
7
1
z
H
M
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
n
I
m
u
m
i
x
a
M
)
2
(
e
n
i
s
k
a
e
p
-
o
t
-
k
a
e
p
V
m
0
5
7
)
d
e
l
p
u
o
c
C
A
(
e
v
a
w
0
0
4
ACCharacteristics
Notes:
1. Q and QN outputs are loaded with 50 ohms to VDD-2volts.
2. Measured using a 750mV peak-to-peak, 50% duty cycle clock source
l
o
b
m
y
Ss
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
TA
C
°
5
2
+
=
s
t
i
n
U
.
n
i
M.
p
y
T.
x
a
M
I H
I
t
n
e
r
r
u
C
H
G
I
H
t
u
p
n
I
V C
C=
.
x
a
M
V N
I= V C
C
t
u
p
n
i
D0
.
20
0
1
A
µ
t
u
p
n
I
N
E
/0
5
I L
I
t
n
e
r
r
u
C
W
O
L
t
u
p
n
I
V C
C=
.
x
a
M
V N
I= V
0
t
u
p
n
i
D0
0
1
–
t
u
p
n
I
N
E
/1
–
V K
I
e
g
a
tl
o
V
e
d
o
i
D
p
m
a
l
C
t
u
p
n
II N
I=
A
m
8
1
–2
.
1
V
V H
O
e
g
a
tl
o
V
H
G
I
H
t
u
p
t
u
O
)
2
,
1
(
C
°
0
4
–
V D
D
V
3
.
3
=
5
7
2
25
7
3
25
7
4
2
C
°
5
2
–0
0
2
20
0
3
20
0
4
2
V
m
C
°
5
85
2
1
25
2
2
25
2
3
2
V L
O
e
g
a
tl
o
V
W
O
L
t
u
p
t
u
O
)
2
,
1
(
C
°
0
4
–
V D
D
V
3
.
3
=
0
5
3
10
5
4
10
5
5
1
C
°
5
20
0
4
10
0
5
10
0
6
1
C
°
5
80
5
4
10
5
5
10
5
6
1
I D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P7
5A
m



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com