Electronic Components Datasheet Search
  English  ▼

X  

PI90LVP10 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI90LVP10
Description  LVTTL to Differential LVPECL Translator with Enable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LVP10 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI90LVP10 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LVP10 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LVP10 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LVP10 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LVP10 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LVP10
LVTTLto Differential LVPECL
Translator with Enable
2
PS8646A
10/04/04
RecommendedOperatingConditions
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V D
D
e
g
a
tl
o
V
y
l
p
p
u
S
r
e
w
o
P0
.
36
.
3V
Ve
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A0
4
–5
8C
°
V H
I
e
g
a
tl
o
V
H
G
I
H
t
u
p
n
I0
.
2
V
V L
I
e
g
a
tl
o
V
W
O
L
t
u
p
n
I
8
.
0
t ni
R
e
t
a
r
w
e
l
s
t
u
p
n
IL
(
%
0
9
o
t
%
0
1
→ )
H
1
s
n
/
V
t ni
F
e
t
a
r
w
e
l
s
t
u
p
n
IH
(
%
0
1
o
t
%
0
9
→ )
L1
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V D
D
e
g
a
tl
o
V
y
l
p
p
u
SD
N
G
o
t
d
e
c
n
e
r
e
f
e
R6
V
V L
I
e
g
a
tl
o
V
t
u
p
n
ID
N
G
o
t
d
e
c
n
e
r
e
f
e
R5
.
0
–6
V
I
T
U
O
e
t
a
t
s
W
O
L
n
i
t
n
e
r
r
u
c
t
u
p
t
u
O
0
5A
m
T G
T
S
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S5
6
–0
5
1C
°
AbsolutemaximumRatings
Note:
Stresses above thsoe listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only
and correct functional operation of the device at these or any other conditions above those listed in the operational sections of the specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com