Electronic Components Datasheet Search
  English  ▼

X  

3G3MX2AB0071 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # 3G3MX2AB0071
Description  Born to drive machines
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G3MX2AB0071 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button 3G3MX2AB0071 Datasheet HTML 5Page - Omron Electronics LLC 3G3MX2AB0071 Datasheet HTML 6Page - Omron Electronics LLC 3G3MX2AB0071 Datasheet HTML 7Page - Omron Electronics LLC 3G3MX2AB0071 Datasheet HTML 8Page - Omron Electronics LLC 3G3MX2AB0071 Datasheet HTML 9Page - Omron Electronics LLC 3G3MX2AB0071 Datasheet HTML 10Page - Omron Electronics LLC 3G3MX2AB0071 Datasheet HTML 11Page - Omron Electronics LLC 3G3MX2AB0071 Datasheet HTML 12Page - Omron Electronics LLC 3G3MX2AB0071 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
3G3MX2
Single-phase 3G3MX2-9
AB001
AB002
AB004
AB0071
AB015
AB022
-
-
-
-
-
Three-phase 3G3MX2-9
A2001
A2002
A2004
A2007
A2015
A2022
A2037
A2055
A2075
A2110
A2150
Applicable
motor capacity2
kW
CT
0.1
0.2
0.4
0.75
1.5
2.2
3.7
5.5
7.5
11.0
15.0
VT
0.2
0.4
0.55
1.1
2.2
3.0
5.5
7.5
11.0
15.0
18.5
HP
CT
1/8
1/4
1/2
1.0
2.0
3.0
5.0
71/2
10.0
15.0
20.0
VT
1/4
1/2
3/4
11/2
3.0
4.0
71/2
10.0
15.0
20.0
25.0
Output
characteristics
Drive capacity kVA
200 VT
0.4
0.6
1.2
2.0
3.3
4.1
6.7
10.3
13.8
19.3
23.9
200 CT
0.2
0.5
1.0
1.7
2.7
3.8
6.0
8.6
11.4
16.2
20.7
240 VT
0.4
0.7
1.4
2.4
3.9
4.9
8.1
12.4
16.6
23.2
28.6
240 CT
0.3
0.6
1.2
2.0
3.3
4.5
7.2
10.3
13.7
19.5
24.9
Rated output current (A) at VT
1.2
1.9
3.5
6.0
9.6
12.0
19.6
30.0
40.0
56.0
69.0
Rated output current (A) at CT
1.0
1.6
3.0
5.0
8.0
11.0
17.5
25.0
33.0
47.0
60.0
Max. output voltage
Proportionaltoinputvoltage:0to240V
Max. output frequency
1000Hz
Power supply
Rated input voltage and frequency
Single-phase200to240V50/60Hz3-phase200to240V50/60Hz
Allowable voltage fluctuation
-15%to+10%
Allowable frequency fluctuation
5%
Braking torque
At short-time deceleration
At capacitor feedback
100%:<50Hz
50%:<60Hz
70%:<50Hz
50%:<60Hz
Approx.20%
–
Cooling method
Selfcooling
Forced-air-cooling
Three-phase 3G3MX2-9
A4004
A4007
A4015
A4022
A4030
A4040
A4055
A4075
A4110
A4150
Applicable
motor capacity1
kW
CT
0.4
0.75
1.5
2.2
3.0
4.0
5.5
7.5
11.0
15.0
VT
0.75
1.5
2.2
3.0
4.0
5.5
7.5
11.0
15.0
18.5
HP
CT
1/2
1.0
2.0
3.0
4.0
5.0
71/2
10.0
15.0
20.0
VT
1.0
2.0
3.0
4.0
5.0
71/2
10.0
15.0
20.0
25.0
Output
characteristics
Drive capacity kVA
380 VT
1.3
2.6
3.5
4.5
5.7
7.3
11.5
15.1
20.4
25.0
380 CT
1.1
2.2
3.1
3.6
4.7
6.0
9.7
11.8
15.7
20.4
480 VT
1.7
3.4
4.4
5.7
7.3
9.2
14.5
19.1
25.7
31.5
480 CT
1.4
2.8
3.9
4.5
5.9
7.6
12.3
14.9
19.9
25.7
Rated output current (A) at VT
2.1
4.1
5.4
6.9
8.8
11.1
17.5
23.0
31.0
38.0
Rated output current (A) at CT
1.8
3.4
4.8
5.5
7.2
9.2
14.8
18.0
24.0
31.0
Max. output voltage
Proportionaltoinputvoltage:0to480V
Max. output frequency
1000Hz
Power supply
Rated input voltage and frequency
3-phase380to480V50/60Hz
Allowable voltage fluctuation
-15%to+10%
Allowable frequency fluctuation
5%
Braking torque
At short-time deceleration
At capacitor feedback
100%:<50Hz
50%:<60Hz
70%:<50Hz
50%:<60Hz
–
Cooling method
Selfcooling
Forced-air-cooling
200 V class
400 V class
Type Designation
Specifications
3G3MX2 series
A: Standard specs
3G3MX2AB001
Voltage:
B: Single-phase 200 VAC
2: Three-phase 200 VAC
4: Three-phase 400 VAC
Max. applicable motor output
001: 0.1 kW (1/8 HP)
to
150: 15.0 kW (20 HP)
Note: 1.Threephasemodeluseforced-air-coolingbutsinglephasemodelisselfcooling.
2.Basedonastandard3-Phasestandardmotor.
3.Above400Hzwithsomefunctionlimitation.
Note: 1.Basedonastandard3-Phasestandardmotor.
2.Above400Hzwithsomefunctionlimitation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com