Electronic Components Datasheet Search
  English  ▼

X  

3G3MX2AB0071 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # 3G3MX2AB0071
Description  Born to drive machines
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G3MX2AB0071 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button 3G3MX2AB0071 Datasheet HTML 10Page - Omron Electronics LLC 3G3MX2AB0071 Datasheet HTML 11Page - Omron Electronics LLC 3G3MX2AB0071 Datasheet HTML 12Page - Omron Electronics LLC 3G3MX2AB0071 Datasheet HTML 13Page - Omron Electronics LLC 3G3MX2AB0071 Datasheet HTML 14Page - Omron Electronics LLC 3G3MX2AB0071 Datasheet HTML 15Page - Omron Electronics LLC 3G3MX2AB0071 Datasheet HTML 16Page - Omron Electronics LLC 3G3MX2AB0071 Datasheet HTML 17Page - Omron Electronics LLC 3G3MX2AB0071 Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
AC Drives
Accessories
Model 3G3AX-9
Diameter
Motor
Description
Dimensions (Unit: mm)
Weight
(kg)
d
kW
HP
L
W
H
X
Y
m
FEJ2102-RE
21
<2.2
For2.2kW(3.0HP)motorsorbelow
<3.0
85
22
46
70
–
5
0.1
FEJ2515-RE
25
<15
For15kW(20HP)motorsorbelow
<20
105
25
62
90
–
5
0.2
FEJ5045-RE
50
<45
For45kW(60HP)motorsorbelow
<60
150
50
110
125
30
5
0.7
Model
Figure
Dimensions (Unit: mm)
Weight
(kg)
L
H
M
I
T
3G3AX-REM00K1400-IE
1
105
27
36
94
–
0.2
3G3AX-REM00K2070-IE
3G3AX-REM00K2120-IE
3G3AX-REM00K2200-IE
3G3AX-REM00K4075-IE
200
27
36
189
–
0.425
3G3AX-REM00K4035-IE
3G3AX-REM00K4030-IE
3G3AX-REM00K5120-IE
260
27
36
249
–
0.58
3G3AX-REM00K6100-IE
320
27
36
309
–
0.73
3G3AX-REM00K6035-IE
3G3AX-REM00K9070-IE
2
200
62
100
74
–
1.41
3G3AX-REM00K9020-IE
3G3AX-REM00K9017-IE
3G3AX-REM01K9070-IE
3
365
73
105
350
70
4
3G3AX-REM01K9017-IE
3G3AX-REM02K1070-IE
4
310
100
240
295
210
7
3G3AX-REM02K1017-IE
3G3AX-REM03K5035-IE
365
100
240
350
210
8
3G3AX-REM03K5010-IE
Chokes
Resistor
X
H
Y
W
Ø m
L
Ø d
3G3AX-REM00K1200
FIGURE 1
FIGURE 2
FIGURE 3
FIGURE 4
H
M
H
M T
I L
L
L
L
I
H
H
M
M
T
I
11.5
46
20
106
89
3G3AX-REM00K1200
FIGURE 1
FIGURE 2
FIGURE 3
FIGURE 4
H
M
H
M T
I L
L
L
L
I
H
H
M
M
T
I
11.5
46
20
106
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com