Electronic Components Datasheet Search
  English  ▼

X  

3G3MX2AB0071 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # 3G3MX2AB0071
Description  Born to drive machines
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G3MX2AB0071 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button 3G3MX2AB0071 Datasheet HTML 9Page - Omron Electronics LLC 3G3MX2AB0071 Datasheet HTML 10Page - Omron Electronics LLC 3G3MX2AB0071 Datasheet HTML 11Page - Omron Electronics LLC 3G3MX2AB0071 Datasheet HTML 12Page - Omron Electronics LLC 3G3MX2AB0071 Datasheet HTML 13Page - Omron Electronics LLC 3G3MX2AB0071 Datasheet HTML 14Page - Omron Electronics LLC 3G3MX2AB0071 Datasheet HTML 15Page - Omron Electronics LLC 3G3MX2AB0071 Datasheet HTML 16Page - Omron Electronics LLC 3G3MX2AB0071 Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
3G3MX2
Reactors
3-phase 200 VAC
3-phase 400 VAC
Max. applicable
motor output
Model 3G3AX-9
Current value
Inductance
Max. applicable
motor output
Model 3G3AX-9
Current value
Inductance
1.5kW(2HP)
RAI02800080-DE
8.0A
2.8mH
1.5kW(2HP)
RAI07700050-DE
5.0A
7.7mH
3.7kW(5HP)
RAI00880200-DE
20.0A
0.88mH
4.0kW(51/2HP)
RAI03500100-DE
10.0A
3.5mH
7.5kW(10HP)
RAI00350335-DE
33.5A
0.35mH
7.5kW(10HP)
RAI01300170-DE
17.0A
1.3mH
15kW(20HP)
RAI00180670-DE
67.0A
0.18mH
15kW(20HP)
RAI00740335-DE
33.5A
0.74mH
1-phase 200 VAC
3-phase 200 VAC
3-phase 400 VAC
Drive
3G3MX2-9
Model
3G3AX-9
Max. applicable
motor output
Drive
3G3MX2-9
Model
3G3AX-9
Current
value
Inductance
Max. applicable
motor output
Drive
3G3MX2-9
Model
3G3AX-9
Current
value
Inductance
AB001
RC10700032-RE
0.2kW(1/4HP)
A2001
RC21400016-DE
1.6A
21.4mH
0.4kW(1/2HP)
A4004
RC43000020-DE
2.0A
43.0mH
AB002
0.4kW(1/2HP)
A2002
0.7kW(1HP)
A4007
RC27000030-DE
3.0A
27.0mH
AB004
RC06750061-RE
0.7kW(1HP)
A2004
RC10700032-DE
3.2A
10.7mH
1.5kW(2HP)
A4015
RC14000047-DE
4.7A
14.0mH
AB007
RC03510093-RE
1.5kW(2HP)
A2007
RC06750061-DE
6.1A
6.75mH
2.2kW(3HP)
A4022
RC10100069-DE
6.9A
10.1mH
AB015
RC02510138-RE
2.2kW(3HP)
A2015
RC03510093-DE
9.3A
3.51mH
3.0kW(4HP)
A4030
RC08250093-DE
9.3A
8.25mH
AB022
RC01600223-RE
3.7kW(5HP)
A2022
RC02510138-DE
13.8A
2.51mH
4.0kW(51/2HP)
A4040
RC06400116-DE
11.6A
6.40mH
–
5.5kW(71/2HP)
A2037
RC01600223-DE
22.3A
1.60mH
5.5kW(71/2HP)
A4055
RC04410167-DE
16.7A
4.41mH
7.5kW(10HP)
A2055
RC01110309-DE
30.9A
1.11mH
7.5kW(10HP)
A4075
RC03350219-DE
21.9A
3.35mH
11.0kW(15HP)
A2075
RC00840437-DE
43.7A
0.84mH
11.0kW(15HP)
A4011
RC02330307-DE
30.7A
2.33mH
15.0kW(20HP)
A2011
RC00590614-DE
61.4A
0.59mH
15.0kW(20HP)
A4015
RC01750430-DE
43.0A
1.75mH
A2015
RC00440859-DE
85.9A
0.44mH
–
3-phase 200 VAC
3-phase 400 VAC
Max. applicable
motor output
Model
3G3MX2-9
Model
3G3AX-9
Current
value
Inductance
Max. applicable
motor output
Model
3G3MX2-9
Model
3G3AX-9
Current
value
Inductance
0.4kW(1/2HP)
A2001/A2002/A2004
AB001/AB002/AB004
RAO11500026-DE
2.6A
11.50mH
1.5kW(2HP)
A4004/A4007/A4015
RAO16300038-DE
3.8A
16.30mH
0.75kW(1HP)
A2007/AB007
RAO07600042-DE
4.2A
7.60mH
1.5kW(2HP)
A2015/AB015
RAO04100075-DE
7.5A
4.10mH
2.2kW(3HP)
A2022/AB022
RAO03000105-DE
10.5A
3.00mH
2.2kW(3HP)
A4022
RAO11800053-DE
5.3A
11.80mH
3.7kW(5HP)
A2037
RAO01830160-DE
16.0A
1.83mH
4.0kW(51/2HP)
A4030/A4040
RAO07300080-DE
8.0A
7.30mH
5.5kW(71/2HP)
A2055
RAO01150220-DE
22.0A
1.15mH
5.5kW(71/2HP)
A4055
RAO04600110-DE
11.0A
4.60mH
7.5kW(10HP)
A2075
RAO00950320-DE
32.0A
0.95mH
7.5kW(10HP)
A4075
RAO03600160-DE
16.0A
3.60mH
11.0kW(15HP)
–
RAO00630430-DE
43.0A
0.63mH
11.0kW(15HP)
–
RAO02500220-DE
22.0A
2.50mH
15.0kW(20HP)
–
RAO00490640-DE
64.0A
0.49mH
15.0kW(20HP)
–
RAO02000320-DE
32.0A
2.00mH
Input AC Reactor
DC Reactor
Output AC Reactor
MCCB
Power supply
AC reactor
3G3MX2
R/L1
U
V
W
X
Y
Z
S/L2
T/L3
Power
supply
3G3MX2
DC reactor
R/L1
+1
P/+2
MCCB
S/L2
T/L3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com