Electronic Components Datasheet Search
  English  ▼

X  

3G3MX2AB015 Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # 3G3MX2AB015
Description  Born to drive machines
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G3MX2AB015 Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button 3G3MX2AB015 Datasheet HTML 12Page - Omron Electronics LLC 3G3MX2AB015 Datasheet HTML 13Page - Omron Electronics LLC 3G3MX2AB015 Datasheet HTML 14Page - Omron Electronics LLC 3G3MX2AB015 Datasheet HTML 15Page - Omron Electronics LLC 3G3MX2AB015 Datasheet HTML 16Page - Omron Electronics LLC 3G3MX2AB015 Datasheet HTML 17Page - Omron Electronics LLC 3G3MX2AB015 Datasheet HTML 18Page - Omron Electronics LLC 3G3MX2AB015 Datasheet HTML 19Page - Omron Electronics LLC 3G3MX2AB015 Datasheet HTML 20Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
AC Drives
Control Circuit Terminals
Terminal symbol
Terminal name
Description
Specifications
Powersupply
SC
Inputsignalcommon
Thisisacommonterminalusedbytheinternalpowersupply,
digitalinputandanaloginput/outputterminals.
FS
Frequencyreference
powersupply
10VDCpowersupplyfortheFVterminal.
Allowablemax.current:7mA
Frequencysetting
input
FV
Frequencyreferenceinput
terminal(analogvoltageinput)
Usethisterminalifthefrequencyreferenceisprovidedby
0to10VDCvoltageinput.
InputimpedanceApprox.10kΩ
Allowableinputvoltagerange−0.3to+12VDC
FI
Frequencyreference
terminal(analogcurrentinput)
Usethisterminalifthefrequencyreferenceisprovidedby
4to20mAcurrentinput.
Inputimpedance100Ω
Allowableinputrange0to24mA
Sensorinput
S5/TH
Externalthermistorinput(alsoused
asmulti-functioninputterminal)
ConnectanexternalthermistorbetweentheSCs,totripthe
Drivewhenatemperatureerroroccurs.(Thedrivewilltripwhen
theinputfromthermistorisapprox.3kΩorhigher.)Sincethis
inputisalsousedasthemultifunctioninputterminal,settingof
C005isrequired.
PTCtype
Output
AM
Multi-functionanalogoutput
(voltage)
Specifiedsignalscanbeoutputusingvoltagesignals
of0to10VDC.
AM
Powersupply
SC
Inputsignalcommon
Thisisacommonterminalusedbytheinternalpower
supply,digitalinputandanaloginput/outputterminals.
P24
Powersupplyterminalfor
inputsignal
24VDCpowersupplyforcontactinputsignal.Thisis
usedasacommonterminalifthesourcelogicisinput.
Allowablemax.current:100mA
PSC
Powersupplyterminalfor
inputterminal
Sinklogicinput:ShortedwithP24
Sourcelogicinput:ShortedwithSC
Todrivethecontactinputusinganexternalpowersupply,
removetheshortingbar.
Input
Contact
S7/EB
S6
S5/TH
S4/GS2
S3/GS1
S2
S1
Multi-functioninputterminal
Select7functionsfromamong59,andallocatethemtoterminals
S1throughS7/EB.Bothsinkandsourcelogicsaresupported.
VoltagebetweeneachinputandPSC
ONvoltage:18Vmin.
OFFvoltage:3Vmax.
Allowablemax.voltage:27VDC
Loadcurrent:5mA(at24V)
S4/GS2
S3/GS1
Safetyinput
EnabledwhenthesafetyfunctionselectorswitchisturnedON.
Input
Pulse
RP
Pulseinput-A
Apulseinputforfrequencysetting.(Takenotethatthe
internalcircuitisdifferentfrominputterminalsS7/EB.)
Inputpulse32kHzmax.
VoltagebetweeninputandSC
ONvoltage:4Vmin.
OFFvoltage:1Vmax.
Allowablemax.voltage:27VDC
S7/EB
Pulseinput-B
Apulseinputforfrequencysetting.(Takenotethatthe
internalcircuitisdifferentfrominputterminalRP.)
Inputpulse1.8kHzmax.
ONvoltage:18Vmin.
OFFvoltage:3Vmax.
Allowablemax.voltage:27VDC
Loadcurrent:5mA(at24V)
Output
Open
collector
P1/EDM
P2
Multi-functionoutputterminal
Select2functionsfromamong43,andallocatethemtoterminals
P1throughP2.Bothsinkandsourcelogicsaresupported.
Opencollectoroutput
BetweeneachterminalandPC
Allowablemax.voltage:27V
Allowablemax.current:50mA
VoltagedropwhenON:4Vmax.
P1/EDM
Safetymonitor
EnabledwhentheEDMfunctionselectorswitchisON.
Relay
MA
MB
Relayoutputterminal
Selectthedesiredfunctionsfromamong43functions,
andallocatethemtotheseterminals.
SPDTcontact.
ThefactorydefaultofRelayOutput(MA,MB)Contact
Selection(C036)isNCcontactbetweenMA-MC,
andNOcontactbetweenMB-MC.
Max.contactcapacity
MA-MC:250VAC,2A(resistance)
0.2A(induction)
MB-MC:250VAC,1A(resistance)
0.2A(induction)
Contactmin.capacity
100VAC,10mA5VDC,100mA
MC
Relayoutputcommon
Pulse
MP
Pulseoutput
Pulsesareoutput.
Outputpulse:32kHzmax.
Outputvoltage:10VDC
Allowablemax.current:2mA
Serialcommunication
RS+
RS−
Modbusport(RS-485)
RS-485port
RS+RS-485differential(+)signal
RS- RS-485differential(−)signal
Max.speed:115.2kbps
Built-inTerminalResistor:200Ω
Slideswitchselection
Side by side mounting
Enclosure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com