Electronic Components Datasheet Search
  English  ▼

X  

3G3MX2AB015 Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # 3G3MX2AB015
Description  Born to drive machines
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G3MX2AB015 Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button 3G3MX2AB015 Datasheet HTML 12Page - Omron Electronics LLC 3G3MX2AB015 Datasheet HTML 13Page - Omron Electronics LLC 3G3MX2AB015 Datasheet HTML 14Page - Omron Electronics LLC 3G3MX2AB015 Datasheet HTML 15Page - Omron Electronics LLC 3G3MX2AB015 Datasheet HTML 16Page - Omron Electronics LLC 3G3MX2AB015 Datasheet HTML 17Page - Omron Electronics LLC 3G3MX2AB015 Datasheet HTML 18Page - Omron Electronics LLC 3G3MX2AB015 Datasheet HTML 19Page - Omron Electronics LLC 3G3MX2AB015 Datasheet HTML 20Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
3G3MX2
Model 3G3MX2-9
A4004
A4007
A4015
A4022
A4030
A4040
A4055
A4075
A4110
A4150
Drive capacity kVA
380V VT
1.3
2.6
3.5
4.5
5.7
7.3
11.5
15.1
20.4
25.0
380V CT
1.1
2.2
3.1
3.6
4.7
6.0
9.7
11.8
15.7
20.4
480V VT
1.7
3.4
4.4
5.7
7.3
9.2
14.5
19.1
25.7
31.5
480V CT
1.4
2.8
3.9
4.5
5.9
7.6
12.3
14.9
19.9
25.7
Rated current (A) VT
2.1
4.1
5.4
6.9
8.8
11.1
17.5
23.0
31.0
38.0
Rated current (A) CT
1.8
3.4
4.8
5.5
7.2
9.2
14.8
18.0
24.0
31.0
Total heat loss
35
56
96
116
125
167
229
296
411
528
Efficiency at rated load
92
93
94
95
96
96
96
96.2
96.4
96.6
Cooling method
Selfcooling
Forced-air-cooling
Model 3G3MX2-9
AB001
AB002
AB004
AB007
AB015
AB022
Drive capacity kVA
200V VT
0.4
0.6
1.2
2.0
3.3
4.1
200V CT
0.2
0.5
1.0
1.7
2.7
3.8
240V VT
0.4
0.7
1.4
2.4
3.9
4.9
240V CT
0.3
0.6
1.2
2.0
3.3
4.5
Rated current (A) VT
1.2
1.9
3.4
6.0
9.6
12.0
Rated current (A) CT
1.0
1.6
3.0
5.0
8.0
11.0
Total heat loss
12
22
30
48
79
104
Efficiency at rated load
89.5
90
93
94
95
95.5
Cooling method
Selfcooling
Forced-air-cooling
Three-phase 400 V class
Single-phase 200 V class
Three-phase 200 V class
Model 3G3MX2-
A2001
A2002
A2004
A2007A2015
A2022
A2037
A2055
A2075
A2110
A2150
Drive capacity
kVA
200 VT
0.4
0.6
1.2
2.0
3.3
4.1
6.7
10.3
13.8
19.3
23.9
200 CT
0.2
0.5
1.0
1.7
2.7
3.8
6.0
8.6
11.4
16.2
20.7
240 VT
0.4
0.7
1.4
2.4
3.9
4.9
8.1
12.4
16.6
23.2
28.6
240 CT
0.3
0.6
1.2
2.0
3.3
4.5
7.2
10.3
13.7
19.5
24.9
Rated current (A) VT
1.2
1.9
3.4
6.0
9.6
12.0
19.6
30.0
40.0
56.0
69.0
Rated current (A) CT
1.0
1.6
3.0
5.0
8.0
11.0
17.5
25.0
33.0
47.0
60.0
Total heat loss
Efficiency at rated load
12
22
30
48
79
104
154
229
313
458
625
89.5
90
93
94
95
95.5
96
96
96
96
96
Cooling method
Self cooling
Forced-air-cooling
Heat Loss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com