Electronic Components Datasheet Search
  English  ▼

X  

3G3MX2AB015 Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # 3G3MX2AB015
Description  Born to drive machines
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G3MX2AB015 Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button 3G3MX2AB015 Datasheet HTML 12Page - Omron Electronics LLC 3G3MX2AB015 Datasheet HTML 13Page - Omron Electronics LLC 3G3MX2AB015 Datasheet HTML 14Page - Omron Electronics LLC 3G3MX2AB015 Datasheet HTML 15Page - Omron Electronics LLC 3G3MX2AB015 Datasheet HTML 16Page - Omron Electronics LLC 3G3MX2AB015 Datasheet HTML 17Page - Omron Electronics LLC 3G3MX2AB015 Datasheet HTML 18Page - Omron Electronics LLC 3G3MX2AB015 Datasheet HTML 19Page - Omron Electronics LLC 3G3MX2AB015 Datasheet HTML 20Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
3G3MX2
Ordering Information
Drive
Braking resistor unit
Voltage
Max. motor
capacity
Drive 3G3MX2-9
Connectable
min.
resistance Ω
Drive mounted type
(3%ED, 10 sec max)
Braking
torque %
Drive mounted type
(10%ED, 10 sec max)
Braking
torque %
kW
HP
3-phase
1-phase
Model 3G3AX-9
Resistance
Ω
Model 3G3AX-9
Resistance
Ω
200 V
(1-phase/
3-phase)
0.12
1/8
A2001
B001
100
REM00K1400-IE
400
200
REM00K1400-IE
400
200
0.2
1/4
A2002
B002
100
180
180
0.5
1/2
A2004
B004
100
REM00K1200-IE
200
180
REM00K1200-IE
200
180
0.7
1
A2007
B007
50
100
REM00K2070-IE
70
200
1.5
2
A2015
B015
50
REM00K2070-IE
70
140
REM00K4075-IE
75
130
2.2
3
A2022
B022
35
90
REM00K4035-IE
35
180
3.7
5
A2037
-
35
REM00K4075-IE
75
50
REM00K6035-IE
35
100
5.5
7.5
A2055
-
20
REM00K4035-IE
35
75
REM00K9017-IE
17
150
7.5
10
A2075
-
17
55
REM01K9017-IE
17
110
11
15
A2110
-
17
REM00K6035-IE
35
40
REM02K1017-IE
17
75
15
20
A2150
-
10
REM00K9017-IE
17
55
REM03K5010-IE
10
95
400 V
(3-phase)
0.5
1/2
A4004
-
180
REM00K1400-IE
400
200
REM00K1400-IE
400
200
1
1
A4007
-
200
200
1.5
2
A4015
-
REM00K1200-IE
200
190
REM00K2200-IE
200
190
2.2
3
A4022
-
100
REM00K2200-IE
200
130
REM00K5120-IE
120
200
3
4
A4030
-
REM00K2120-IE
120
160
160
4
5
A4040
-
120
REM00K6100-IE
100
140
5.5
7.5
A4055
-
70
REM00K4075-IE
75
140
REM00K9070-IE
70
150
7.5
10
A4075
-
100
REM01K9070-IE
70
110
11
15
A4110
-
REM00K6100-IE
100
50
REM02K1070-IE
70
75
15
20
A4150
-
35
REM00K9070-IE
70
55
REM03K5035-IE
35
110
Braking Unit, Braking Resistor Unit
30.7
Communication Option Boards
Types
Model
Description
Functions
3G3AX-MX2-PRT
Profibus option
card
Used for running or stopping the drive, setting or referencing parameters, and monitoring output frequency,
output current, or similar items through Profibus communications with the host controller.
3G3AX-MX2-DRT
DeviceNet option
card
Used for running or stopping the drive, setting or referencing parameters, and monitoring output frequency,
output current, or similar items through DeviceNet communications with the host controller.
3G3AX-MX2-ECT
EtherCAT option
card
Used for running or stopping the drive, setting or referencing parameters, and monitoring output frequency,
output current, or similar items through EtherCAT communications with the host controller.
3G3AX-MX2-CRT
CompoNet
option card
Used for running or stopping the drive, setting or referencing parameters, and monitoring output frequency,
output current, or similar items through CompoNet communications with the host controller.
3G3AX-MX2-ML2
Mechatrolink II
option card
Used for running or stopping the drive, setting or referencing parameters, and monitoring output frequency,
output current, or similar items through Mechatrolink II communications with the host controller.
3G3AX-MX2-
EIP-A
EtherNet/IP
option card
Used for running or stopping the drive, setting or referencing parameters, and monitoring
output frequency, output current, or similar items through EtherNet/IP communications with the host controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com