Electronic Components Datasheet Search
  English  ▼

X  

7672 Datasheet(PDF) 4 Page - Maxwell Technologies

Part # 7672
Description  12-Bit A/D Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7672 Datasheet(HTML) 4 Page - Maxwell Technologies

  7672 Datasheet HTML 1Page - Maxwell Technologies 7672 Datasheet HTML 2Page - Maxwell Technologies 7672 Datasheet HTML 3Page - Maxwell Technologies 7672 Datasheet HTML 4Page - Maxwell Technologies 7672 Datasheet HTML 5Page - Maxwell Technologies 7672 Datasheet HTML 6Page - Maxwell Technologies 7672 Datasheet HTML 7Page - Maxwell Technologies 7672 Datasheet HTML 8Page - Maxwell Technologies 7672 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
All data sheets are subject to change without notice
©2002 Maxwell Technologies
All rights reserved.
12-Bit A/D Converter
7672
08.09.02 REV 13
Bipolar Zero Error
BZE
T
A = +25
°
C
T
A = -55 to +125
°
C
1
2, 3
--
--
±5
±6
LSB
Bipolar Gain Error
BGE
T
A = +25
°
C
T
A = -55 to +125
°
C
1
2, 3
--
--
±5
±7
LSB
1. Guaranteed by design.
TABLE 5. 7672 TIMING CHARACTERISTICS 1,2
(V
DD = 5V ±5%, VSS = -12V ±10%, VREF = -5V, TA = -55 TO 125 °C UNLESS OTHERWISE SPECIFIED)
1. 1LSB = FS/4096; T
A = 25
°
C; Performance over power supply tolerance is guaranteed by power supply rejection test.
2. All inputs are 0V to +5V swing with t
r = tr = 5ns (10 to 90% of +5V) and timed from a voltage level of +1.6V.
PARAMETER
TEST CONDITION
SUBGROUPS
SYMBOL
MIN
MAX
UNITS
Conversion Time, Synchronous Clk, 3
3. Functionally tested.
12.5 clks, TA = -55 to +125 °C
9, 10, 11
tCONV
--
5.0
us
Conversion Time, Asynchronous Clk,
12-13 clks, TA = -55 to +125 °C
9, 10, 11
tCONV
4.8
5.2
us
CS to RD Setup Time
TA = -55 to +125 °C
9, 10, 11
t1
0
--
ns
RD to BUSY Delay
CL = 50 pF, TA = +25 °C
CL = 50 pF, TA = -55 to +125 °C
9
10, 11
t2
--
--
190
270
ns
Data Access Time 4
4. t3 and t6 are measured with the load circuits of Figure 1 and are defined as the time required for an output to cross +0.8 or
+2.4.
CL = 100 pF, TA = +25 °C
CL = 100 pF, TA = -55 to +125 °C
9
10, 11
t3
--
--
125
170
ns
RD Pulse Width
TA = -55 to +125 °C
9, 10, 11
t4
t3
--
ns
CS to RD Hold Time
TA = -55 to +125 °C
9, 10, 11
t5
0
--
ns
Data Setup Time After BUSY4
CL = 100 pF, TA = +25 °C
CL = 100 pF, TA = -55 to +125 °C
9
10, 11
t6
--
--
--
70
100
ns
Bus Relinguish Time5
5. t7 is defined as the time required for the data lines to change 0.5V when loaded with the circuit of Figure 2.
(TA = +25 °C)
(-55 < TA < +125 °C)
9
10, 11
t7
--
--
75
90
ns
Delay Between Read Operations
(-55 < TA < +125 °C)
9, 10, 11
t8
200
--
ns
TABLE 4. 7672 DC ELECTRICAL CHARACTERISTICS
(V
DD = 5V ±5%, VSS = -12V ±10%, VREF = -5V, TA = -55 TO 125 °C UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
TEST CONDITION
SUBGROUPS
MIN
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com