Electronic Components Datasheet Search
  English  ▼

X  

7672 Datasheet(PDF) 1 Page - Maxwell Technologies

Part # 7672
Description  12-Bit A/D Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7672 Datasheet(HTML) 1 Page - Maxwell Technologies

  7672 Datasheet HTML 1Page - Maxwell Technologies 7672 Datasheet HTML 2Page - Maxwell Technologies 7672 Datasheet HTML 3Page - Maxwell Technologies 7672 Datasheet HTML 4Page - Maxwell Technologies 7672 Datasheet HTML 5Page - Maxwell Technologies 7672 Datasheet HTML 6Page - Maxwell Technologies 7672 Datasheet HTML 7Page - Maxwell Technologies 7672 Datasheet HTML 8Page - Maxwell Technologies 7672 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
All data sheets are subject to change without notice
(858) 503-3300 - Fax: (858) 503-3301 - www.maxwell.com
12-Bit A/D Converter
7672
©2002 Maxwell Technologies
All rights reserved.
08.09.02 Rev 13
FEATURES:
• 12-bit high speed A/D converter
•RAD-PAK® radiation-hardened against natural space radia-
tion
• Total dose hardness:
- > 100 krad (Si), depending upon space mission
• Excellent Single Event Effect
- SEL > 120 Mev/mg/cm2
- SEU
TH > 5.8 Mev/mg/cm
2
- SEU
Sat = -1E-4 cm
2
/Device
• Package:
- 24 pin RAD-PAK® flat package
- 24 pin RAD-PAK® DIP
• Fast conversion times:
- 7672-05: 5 µs
• Low 110 mW typical power consumption
- Corrects all single-bit errors
- Detects all double and some triple-bit errors
• High-speed BiCMOS technology
- Choice of +5V and +10V input ranges
- Operates with +5V and -12V power supplies
- Fast 125 ns bus-access time
DESCRIPTION:
Maxwell Technologies’ 7672 high-speed 12-bit analog-to-
digital converter microcircuit features a greater than 100 krad
(Si) total dose tolerance, depending upon space mission. The
7672 uses an accurate high-speed DAC and comparator to
achieve conversion time as low as 5 µs while dissipating only
110 mW of power. The 7672 is designed to be used with an
external reference voltage. This allows the user to choose a
reference whose performance suits the application or to drive
multiple 7672s from a single system reference, since the refer-
ence input is buffered and draws very little current. For digital
signal processing applications where absolute accuracy and
temperature coefficients may be unimportant, a low cost refer-
ence can be used. For optimal precision, a high accuracy ref-
erence where an absolute 12-bit accuracy can be obtained
over a wide temperature range may be used. Analog input
range is pin-selectable for 0 to +5V, 0 to +10V, or ±5V, making
the ADC ideal for data acquisition and analog input/output
cards. A high-speed digital interface (125 ns data access time)
with three state data outputs is compatible with most micro-
processors.
Maxwell Technologies' patented RAD-PAK® packaging technol-
ogy incorporates radiation shielding in the microcircuit pack-
age. It eliminates the need for box shielding while providing
the required radiation shielding for a lifetime in orbit or space
mission. In a GEO orbit, RAD-PAK provides greater than 100
krad (Si) radiation dose tolerance. This product is available
with screening up to Class S.
12-BIT DAC
+
-
+
-
SUCCESSIVE APPROXIMATION
REGISTER
CONTROL
LOGIC
CLOCK
OSCILLATOR
12-BIT LATCH
THREE-STATE
OUTPUT DRIVERS
2
1
24
23
22
21
19
20
18
17
4
11
12
13
16
3
V
REF
AIN1
AIN2
V
DD
V
SS
BUSY
CS
RD
CLK OUT
CLK IN
D0
D3
DGND
D4
D11
AGND
Logic Diagram


Similar Part No. - 7672

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
7672 ALPHAWIRE-7672 Datasheet
406Kb / 4P
18 (7/26) AWG Tinned Copper
logo
Keystone Electronics Co...
7672 KEYSTONE-7672 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
More results

Similar Description - 7672

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AD7541 INTERSIL-AD7541_02 Datasheet
164Kb / 8P
12-Bit, Multiplying D/A Converter
May 2002
logo
List of Unclassifed Man...
KAD5512P-50 ETC2-KAD5512P-50 Datasheet
664Kb / 28P
12-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
432Kb / 26P
12-Bit, 500MSPS A/D Converter
December 5, 2008
logo
Analog Devices
AD574AKD AD-AD574AKD Datasheet
781Kb / 12P
Complete 12-Bit A/D Converter
REV. B
logo
Texas Instruments
ADC124S051 TI1-ADC124S051_15 Datasheet
1Mb / 28P
12-Bit A/D Converter
ADC124S101 TI1-ADC124S101 Datasheet
1Mb / 27P
12-Bit A/D Converter
ADC128S102 TI1-ADC128S102_15 Datasheet
1Mb / 29P
12-Bit A/D Converter
ADC78H90 TI1-ADC78H90 Datasheet
1Mb / 23P
12-Bit A/D Converter
logo
Analog Devices
AD574A AD-AD574A_17 Datasheet
821Kb / 13P
12-Bit A/D Converter
23-Feb-2017
AD1671 AD-AD1671_17 Datasheet
201Kb / 7P
12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com