Electronic Components Datasheet Search
  English  ▼

X  

7672 Datasheet(PDF) 2 Page - Maxwell Technologies

Part # 7672
Description  12-Bit A/D Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7672 Datasheet(HTML) 2 Page - Maxwell Technologies

  7672 Datasheet HTML 1Page - Maxwell Technologies 7672 Datasheet HTML 2Page - Maxwell Technologies 7672 Datasheet HTML 3Page - Maxwell Technologies 7672 Datasheet HTML 4Page - Maxwell Technologies 7672 Datasheet HTML 5Page - Maxwell Technologies 7672 Datasheet HTML 6Page - Maxwell Technologies 7672 Datasheet HTML 7Page - Maxwell Technologies 7672 Datasheet HTML 8Page - Maxwell Technologies 7672 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
All data sheets are subject to change without notice
©2002 Maxwell Technologies
All rights reserved.
12-Bit A/D Converter
7672
08.09.02 REV 13
TABLE 1. 7672 PINOUT DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1
AIN1
Analog Input
2V
REF
Voltage-Reference Input
3
AGND
Analog Ground
4-11
D11-D4
Three-State Data Outputs
12
DGND
Digital Ground
13-16
D3-D0
Three-State Data Outputs
17
CLKIN
Clock Input
18
CLKOUT
Clock Output
19
RD
READ Input
20
CS
CHIP SELECT
21
BUSY
BUSY
22
V
SS
Negative Supply, -12V
23
V
DD
Positive Supply, +5V
24
AIN2
Analog Input
TABLE 2. 7672 ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNITS
Positive Supply Voltage to DGND
V
DD
-0.3
7.0
V
Negative Supply Voltage to DGND
V
SS
-17
+0.3c
V
AGND to DGND
--
-0.3
V
DD +0.3
V
AIN1, AIN2 to AGND
--
-15
+15
V
Digital Input Voltage to DGND
V
IN
-0.3
V
DD +0.3
V
Digital Output Voltage to DGND
V
OUT
-0.3
V
DD +0.3
V
V
REF to AGND
--
V
SS -0.3
V
DD +0.3
V
Power Dissipation to +75°C
P
D
--
1000
mW
Power Dissipation above 75°C (Derate)
--
--
10
mW/°C
Thermal Impedance
Θ
JC
--
3.24
°C/W
Storage Temperature Range
T
STG
-65
+150
°C
Operating Temperature Range
T
A
-55
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com