Electronic Components Datasheet Search
  English  ▼

X  

7872 Datasheet(PDF) 11 Page - Maxwell Technologies

Part # 7872
Description  14-Bit A/D Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7872 Datasheet(HTML) 11 Page - Maxwell Technologies

Back Button 7872 Datasheet HTML 3Page - Maxwell Technologies 7872 Datasheet HTML 4Page - Maxwell Technologies 7872 Datasheet HTML 5Page - Maxwell Technologies 7872 Datasheet HTML 6Page - Maxwell Technologies 7872 Datasheet HTML 7Page - Maxwell Technologies 7872 Datasheet HTML 8Page - Maxwell Technologies 7872 Datasheet HTML 9Page - Maxwell Technologies 7872 Datasheet HTML 10Page - Maxwell Technologies 7872 Datasheet HTML 11Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All data sheets are subject to change without notice
©2001 Maxwell Technologies
All rights reserved.
14-Bit A/D Converter
7872
5.21.02 Rev 4
Product Ordering Options
Model Number
Feature
Option Details
7872
RP
X
X
Screening Flow
Package
Radiation Feature
Base Product
Nomenclature
Monolithic
S = Maxwell Class S
B = Maxwell Class B
I = Industrial (testing @ -55°C,
+25°C, +125°C)
E = Engineering (testing @ +25°C)
D = Dual In-line Package (DIP)
F = Flat Pack
RP = RAD-PAK® package
14-Bit A/D Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com