Electronic Components Datasheet Search
  English  ▼

X  

PL2303 Datasheet(PDF) 24 Page - Prolific Technology Inc.

Part # PL2303
Description  USB to Serial Bridge Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL2303 Datasheet(HTML) 24 Page - Prolific Technology Inc.

Back Button PL2303 Datasheet HTML 20Page - Prolific Technology Inc. PL2303 Datasheet HTML 21Page - Prolific Technology Inc. PL2303 Datasheet HTML 22Page - Prolific Technology Inc. PL2303 Datasheet HTML 23Page - Prolific Technology Inc. PL2303 Datasheet HTML 24Page - Prolific Technology Inc. PL2303 Datasheet HTML 25Page - Prolific Technology Inc. PL2303 Datasheet HTML 26Page - Prolific Technology Inc. PL2303 Datasheet HTML 27Page - Prolific Technology Inc. PL2303 Datasheet HTML 28Page - Prolific Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Revised Date:
March 20, 2013
ds_pl2303HXD_v1.4.4
PL-2303HX (Rev D) Product Datasheet
- 24 -
Document Version 1.4.4
11.0 Packing Information
11.1 Carrier Tape (SSOP-28)
Figure 11-1 SSOP28 Carrier Tape
Notes:
 10 sprocket hole pitch cumulative tolerance 0.2
 Camber not to exceed 1mm in 100mm.
 Material: Black Polystyrene.
 A
o and Bo measured on a plane 0.3mm above the bottom of the pocket.
 K
o measured from a plane on the inside bottom of the pocket to the top surface of the carrier.
 Pocket position relative to sprocket hole measured as true position of pocket, not pocket hole.
 IC quantity per one reel: 2,000 pieces (MOQ)
Figure 11-2 IC Reel Placements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com