Electronic Components Datasheet Search
  English  ▼

X  

PL2303 Datasheet(PDF) 14 Page - Prolific Technology Inc.

Part # PL2303
Description  USB to Serial Bridge Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL2303 Datasheet(HTML) 14 Page - Prolific Technology Inc.

Back Button PL2303 Datasheet HTML 10Page - Prolific Technology Inc. PL2303 Datasheet HTML 11Page - Prolific Technology Inc. PL2303 Datasheet HTML 12Page - Prolific Technology Inc. PL2303 Datasheet HTML 13Page - Prolific Technology Inc. PL2303 Datasheet HTML 14Page - Prolific Technology Inc. PL2303 Datasheet HTML 15Page - Prolific Technology Inc. PL2303 Datasheet HTML 16Page - Prolific Technology Inc. PL2303 Datasheet HTML 17Page - Prolific Technology Inc. PL2303 Datasheet HTML 18Page - Prolific Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Revised Date:
March 20, 2013
ds_pl2303HXD_v1.4.4
PL-2303HX (Rev D) Product Datasheet
- 14 -
Document Version 1.4.4
5.2
QFN32 Package
Table 5-2 Pin Assignment & Description (QFN32)
Pin #
Name
Type
Description
1
VDD_325
P
RS232 VDD. The power pin for the serial port signals.
When the serial port is 3.3V, this should be 3.3V. When
the serial port is 2.5V, this should be 2.5V. The range can
be from 1.8V~3.3V.
2
RXD
I
(2)
Serial Port (Received Data)
3
RI_N
B
(2)
Serial Port (Ring Indicator); or Auxiliary General Purpose
I/O Port when enabled
(6).
4
GND
P
Ground
5
VDD_33
P
Primary Power (3.3V)
6
DSR_N
B
(2)
Serial Port (Data Set Ready); or Auxiliary General Purpose
I/O Port when enabled
(6).
7
DCD_N
B
(2)
Serial Port (Data Carrier Detect); or Auxiliary General
Purpose I/O Port when enabled
(6).
8
CTS_N
B
(2)
Serial Port (Clear to Send); or Auxiliary General Purpose
I/O Port when enabled
(6).
9
SHTD_N
O
(3)
RS232 Transceiver Shut Down Control
10
GP3
I/O
Auxiliary GPIO Pin 3 (Default output high mode)
(5)
11
GP2
I/O
Auxiliary GPIO Pin 2 (Default output high mode)
(5)
12
NC
-
No Connection
13
NC
-
No Connection
14
DP
B
USB Port D+ signal
15
DM
B
USB Port D- signal
16
NC
-
No Connection
17
VO_33
P
Regulator Power Output, 3.3V
18
GND
P
Ground
19
RESET_N
I
External System Reset (Active Low)
20
VDD_5
P
USB Port VBUS, 5V Power.
21
NC
-
No Connection
22
GP0
B
(4)
General Purpose I/O Pin 0
23
GP1
B
(4)
General Purpose I/O Pin 1
24
NC
-
No Connection
25
GND
P
Ground
26
TEST
I
Test mode control
27
Reserved
-
Reserved pin (Must be floating)
28
NC
-
No Connection
29
NC
-
No Connection
30
TXD
O
(1)
Serial Port (Transmitted Data)
31
DTR_N
O
(1)
Serial Port (Data Terminal Ready)
32
RTS_N
O
(1)
Serial Port (Request To Send)
IC Bottom PAD
P
Connects to VO_33 (Regulator Power Output, 3.3V)
Notes:
(1)
– Tri-State, Output Pad. Level and Driving Capability decided by VDD_325.
(2)
– Tri-State, CMOS Input/Output Pad with level shifter. Level and Driving Capability decided by VDD_325.
(3)
– CMOS Output Pad.
(4)
– Tri-State, CMOS Input/Output Pad. (Default mode: Input)
(5)
– Default output high mode; do not connect to ground.
(6)
– Enabling Auxiliary GPIO requires special customized driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com