Electronic Components Datasheet Search
  English  ▼

X  

PL2303 Datasheet(PDF) 15 Page - Prolific Technology Inc.

Part # PL2303
Description  USB to Serial Bridge Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL2303 Datasheet(HTML) 15 Page - Prolific Technology Inc.

Back Button PL2303 Datasheet HTML 11Page - Prolific Technology Inc. PL2303 Datasheet HTML 12Page - Prolific Technology Inc. PL2303 Datasheet HTML 13Page - Prolific Technology Inc. PL2303 Datasheet HTML 14Page - Prolific Technology Inc. PL2303 Datasheet HTML 15Page - Prolific Technology Inc. PL2303 Datasheet HTML 16Page - Prolific Technology Inc. PL2303 Datasheet HTML 17Page - Prolific Technology Inc. PL2303 Datasheet HTML 18Page - Prolific Technology Inc. PL2303 Datasheet HTML 19Page - Prolific Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
Revised Date:
March 20, 2012
ds_pl2303HXD_v1.4.4
PL-2303HX (Rev D) Product Datasheet
- 15 -
Document Version 1.4.4
6.0 OTPROM Configuration
The default configuration descriptors are stored in the chip internally which will be loaded during
power-on reset or USB bus reset whenever OTPROM (One-Time Programmable ROM) is empty.
Several of the USB descriptors could be modified and stored to the PL2303HXD OTPROM during
device startup like Vendor ID (VID), Product ID (PID), Serial Number, Product String, and other
configuration descriptors. The OTPROM can be programmed twice using the Prolific PL2303 EEPROM
Writer utility software which can be requested from Prolific or authorized distributors.
Figure 6-1 PL2303 EEPROM Writer Program
Table 6-1 EEPROM Writer Configuration
Descriptors
Default Value
Description
Vendor ID (VID)
067B (hex)
USB unique Vendor ID of Company or
Manufacturer. This ID is applied and
registered from USB-IF.
Refer to this website for applying VID:
http://www.usb.org/developers/vendor/
Product ID (PID)
2303 (hex)
USB Product ID assigned by Company or
Manufacturer.
Rel. No. (BCD)
0400
This field reports the release number of USB
the device. This item is fixed and cannot be
modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com