Electronic Components Datasheet Search
  English  ▼

X  

PI3HDX231 Datasheet(PDF) 20 Page - Diodes Incorporated

Part # PI3HDX231
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3HDX231 Datasheet(HTML) 20 Page - Diodes Incorporated

Back Button PI3HDX231 Datasheet HTML 16Page - Diodes Incorporated PI3HDX231 Datasheet HTML 17Page - Diodes Incorporated PI3HDX231 Datasheet HTML 18Page - Diodes Incorporated PI3HDX231 Datasheet HTML 19Page - Diodes Incorporated PI3HDX231 Datasheet HTML 20Page - Diodes Incorporated PI3HDX231 Datasheet HTML 21Page - Diodes Incorporated PI3HDX231 Datasheet HTML 22Page - Diodes Incorporated PI3HDX231 Datasheet HTML 23Page - Diodes Incorporated PI3HDX231 Datasheet HTML 24Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
20 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
4.4
DisplayPort AUX Listener
DP AUX listener supports Native AUX CH Syntax. Mapping of SMBus onto AUX CH Syntax is not supported.
AUX listener monitor AUX communication from requester and replier for transactions and stored AUX communication ,
related to the link settings.
In AUX read/write request cycle, the AUX address compares with the following registers’ address. When the addresses
matches, data shall extract and store into the respective AUX Listener registers. Below registers will set during the link train-
ing sequence after the hot plug detection.
00100h Data Rate Register
00101h LANE_COUNT_SET
00103h - 00106h TRAINING_LANE0/1/2/3_SET
00260h Sink Test request response
00600h Power Down
The AUX listener supports Sink request Test sequence. After HPD IRQ event and DP source read 00201h AUX register and
if bit 1 is high, the DP source will enter a Sink request test mode and initiate a sequence of AUX read request cycle. During
the read cycle, data matching the following registers address are stored in the listener.
00206h ADJUST_REQUEST_LANE0_1
00207h ADJUST_REQUEST_LANE2_3
00218h Test Request
00219h Test link rate
00220h Test Lane count
After the read request cycle, the DP source will write 1 to Bit 0 register 00260h if the DP source enters sink request mode,
or 1 to Bit 1 of register 00260h if the source declined the sink test request. The data stored in registers 002xx above will
override the value set in 00101h to 00106h registers when the sink entered the Sink Test mode.
Table 4-11: Sink Test Request Acknowledgement
Table 4-12:
00260h
Mode
Buffer configuration outputs
xxxxxx00b
No action
00100 : 00106h
xxxxxx01b
Sink Test mode
00206h,00207h,00219h,00220h Override 00100,1,3,4,5,6h register settings
xxxxxx10b
Sink test mode declined 00100h : 00106h
xxxxxx11b
Not Legal code
00100h : 00106h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com