Electronic Components Datasheet Search
  English  ▼

X  

PI3HDX231 Datasheet(PDF) 25 Page - Diodes Incorporated

Part # PI3HDX231
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3HDX231 Datasheet(HTML) 25 Page - Diodes Incorporated

Back Button PI3HDX231 Datasheet HTML 21Page - Diodes Incorporated PI3HDX231 Datasheet HTML 22Page - Diodes Incorporated PI3HDX231 Datasheet HTML 23Page - Diodes Incorporated PI3HDX231 Datasheet HTML 24Page - Diodes Incorporated PI3HDX231 Datasheet HTML 25Page - Diodes Incorporated PI3HDX231 Datasheet HTML 26Page - Diodes Incorporated PI3HDX231 Datasheet HTML 27Page - Diodes Incorporated PI3HDX231 Datasheet HTML 28Page - Diodes Incorporated PI3HDX231 Datasheet HTML 29Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
25 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
SMBus
Registers
AUX
Registers
Description
Default
value
DP Ac-
cess
0x09
00201h
DEVICE_SERVICE_IRQ_VECTOR
Bit 0 = RESERVED for EMOTE_CONTROL_COMMAND_PENDING
When this bit is set to 1, the Source Device must read the Device Services
Field for REMOTE_CONTROL_COMMAND_PASS_THROUGH.
Bit 1 = AUTOMATED_TEST_REQUEST
When this bit is set to 1, the Source Device must read Addresses 00218h
-0027Fh for the requested link test.
Bit 2 = CP_IRQ
This bit is used by an optional content protection system.
Bit 3 = MCCS_IRQ
This bit is used by an optional MCCS system in the Sink
Bits 5:4 = RESERVED. Read all 0’s.
Bit 6 = SINK_SPECIFIC_IRQ
Usage is vendor-specific.
Bit 7 = RESERVED. Read 0.
00h
Clearable
read
only.
(Bit is
cleared
when
‘1’ is
written is
written
via an
AUX CH
write
transac-
tion.
0x0A
00206h
ADJUST_REQUEST_LANE0_1 : Voltage Swing and Equalization Setting
Adjust Request for Lane0 and Lane1
Bits 1:0 = VOLTAGE_SWING_LANE0
00 = Level 0
01 = Level 1
10 = Level 2
11 = Level 3
Bits 3:2 = PRE-EMPHASIS_LANE0
00 = Level 0
01 = Level 1
10 = Level 2
11 = Level 3
00h
R
0x0B
Bits 5:4 = VOLTAGE_SWING_LANE1
00 = Level 0
01 = Level 1
10 = Level 2
11 = Level 3
Bits 7:6 = PRE-EMPHASIS_LANE1
00 = Level 0
01 = Level 1
10 = Level 2
11 = Level 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com