Electronic Components Datasheet Search
  English  ▼

X  

PI3HDX231 Datasheet(PDF) 27 Page - Diodes Incorporated

Part # PI3HDX231
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3HDX231 Datasheet(HTML) 27 Page - Diodes Incorporated

Back Button PI3HDX231 Datasheet HTML 23Page - Diodes Incorporated PI3HDX231 Datasheet HTML 24Page - Diodes Incorporated PI3HDX231 Datasheet HTML 25Page - Diodes Incorporated PI3HDX231 Datasheet HTML 26Page - Diodes Incorporated PI3HDX231 Datasheet HTML 27Page - Diodes Incorporated PI3HDX231 Datasheet HTML 28Page - Diodes Incorporated PI3HDX231 Datasheet HTML 29Page - Diodes Incorporated PI3HDX231 Datasheet HTML 30Page - Diodes Incorporated PI3HDX231 Datasheet HTML 31Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
27 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
SMBus
Registers
AUX
Registers
Description
Default
value
DP Ac-
cess
0x0F
00260h
TEST_RESPONSE
Bit 0 = TEST_ACK
0 = writing zero has no effect on TEST_REQ state
1 = positive acknowledgement of TEST_REQ. Clears TEST_REQ inter-
rupt
flag and indicates to the sink that the source has started requested test
mode.
Bit 1 = TEST_NAK
0 = writing zero has no effect on TEST_REQ state
1 = negative acknowledgement of TEST_REQ. Clears TEST_REQ
interrupt flag and indicates to sink that source will not start requested test
mode.
Bit 2 = TEST_EDID_CHECKSUM_WRITE
0 = no write to TEST_EDID_CHECKSUM
1 = EDID checksum has been written to TEST_EDID_CHECKSUM
Bits 7:3 = RESERVED. Read all 0’s.
00h
R/W
0x10
00600h
Bit 1, 0
0 1 - normal mode
1 0 - D3 power down state
01h
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com