Electronic Components Datasheet Search
  English  ▼

X  

VR13 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # VR13
Description  VR13 and VR12.5 Multi-rail / Multiphase Digital Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

VR13 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button VR13 Datasheet HTML 11Page - Infineon Technologies AG VR13 Datasheet HTML 12Page - Infineon Technologies AG VR13 Datasheet HTML 13Page - Infineon Technologies AG VR13 Datasheet HTML 14Page - Infineon Technologies AG VR13 Datasheet HTML 15Page - Infineon Technologies AG VR13 Datasheet HTML 16Page - Infineon Technologies AG VR13 Datasheet HTML 17Page - Infineon Technologies AG VR13 Datasheet HTML 18Page - Infineon Technologies AG VR13 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Enterprise / Memory Line
PDS-PXE1-PXM1-C-001A
15
Package Layout Guidelines
Enterprise and memory controllers are built in either a 48-lead QFN package, or a 40-lead QFN package. Both
packages use a solid ring frame and the thermal pad design on the board should be based on the exposed paddle
area as shown in Figure 5 and Figure 6 for the 48-lead and 40-lead QFN packages, respectively.
The QFN package is designed to provide superior thermal performance which is mainly achieved by incorporating
an exposed die paddle on the bottom surface of the package. However, in order to take full advantage of this
feature, the PCB must be designed to effectively conduct heat away from the package. This can be achieved by
incorporating a thermal pad along with thermal vias directly under the package. While the thermal pad provides a
solderable surface on the top surface of the PCB (to solder the package die paddle onto the board), thermal vias are
needed to provide a thermal path to inner and/or bottom layers of the PCB to remove the heat.
Figure 5: 48-Lead QFN Package Paddle Dimensions (sawn and punched)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com