Electronic Components Datasheet Search
  English  ▼

X  

7545ARPFE Datasheet(PDF) 4 Page - Maxwell Technologies

Part # 7545ARPFE
Description  12-Bit Buffered Multiplying Digital to Analog Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7545ARPFE Datasheet(HTML) 4 Page - Maxwell Technologies

  7545ARPFE Datasheet HTML 1Page - Maxwell Technologies 7545ARPFE Datasheet HTML 2Page - Maxwell Technologies 7545ARPFE Datasheet HTML 3Page - Maxwell Technologies 7545ARPFE Datasheet HTML 4Page - Maxwell Technologies 7545ARPFE Datasheet HTML 5Page - Maxwell Technologies 7545ARPFE Datasheet HTML 6Page - Maxwell Technologies 7545ARPFE Datasheet HTML 7Page - Maxwell Technologies 7545ARPFE Datasheet HTML 8Page - Maxwell Technologies 7545ARPFE Datasheet HTML 9Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
All data sheets are subject to change without notice
©2001 Maxwell Technologies
All rights reserved.
12-Bit Buffered Multiplying
Digital to Analog Converter
7545A
02.05.02 Rev 4
TABLE 5. 7545A SPECIFICATIONS
(V
DD = +15 V ±10%, TA = -55 TO 125
°C UNLESS OTHERWISE NOTED)
TEST
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Relative Accuracy
RA
-1/2
1/2
LSB
Differential Nonlinearity
DNL
12-Bit Monotonic T
MIN to TMAX
-1
1
LSB
Gain Error 1
1. Measured using feedback resistor.
A
E
DAC Register Loaded with 1111
1111 1111
-4
4
LSB
Gain Temperature Coefficient2
2. Guaranteed by design.
TC
AE
-5
5
ppm/°C
Power Supply Rejection
PSRR
V
DD = 5%
-0.004
0.004
%/%
Output Current Settling Time2
t
SL
To 1/2LSB; OUT1 Load = 100
Ω,
DAC Output Measured from Fall-
ing Edge of WR. CS = 0V
--
2
µ s
Feed through Error
FT
5 (typical)
mV p-p
Reference Input Resistance (Pin
19 to Ground)2
R
IN
10
25
K
Ω
Digital Input High Voltage
V
IH
13.5
--
V
Digital Input Low Voltage
V
IL
--
1.5
V
Digital Input Leakage Current
I
IN
V
IN = 0 V or VDD
-10
10
µ A
Digital Input Capacitance2
C
IN
DB0 - DB11; WR, CS
--
15
pF
Output Capacitance2
C
OUT1
DB0 - DB11 = 0 V, WR, CS = 0V
--
70
pF
DB0 - DB11 = V
DD, WR, CS = 0V
--
150
Chip Select to Write Setup Time
t
CS
t
CS > tWR, tCH > 095
--
nS
Chip Select to Write Hold Time
t
CH
0--
Write Pulse Width3
t
WR
95
--
Data Setup Time3
t
DS
80
--
Data Hold Time3
t
DH
5--
Supply Current from V
DD
I
DD
All Digital Inputs V
IL or VIH
--
2
mA
All Digital Inputs 0 or V
DD
--
100
µ A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com