Electronic Components Datasheet Search
  English  ▼

X  

7545ARPFE Datasheet(PDF) 7 Page - Maxwell Technologies

Part # 7545ARPFE
Description  12-Bit Buffered Multiplying Digital to Analog Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7545ARPFE Datasheet(HTML) 7 Page - Maxwell Technologies

  7545ARPFE Datasheet HTML 1Page - Maxwell Technologies 7545ARPFE Datasheet HTML 2Page - Maxwell Technologies 7545ARPFE Datasheet HTML 3Page - Maxwell Technologies 7545ARPFE Datasheet HTML 4Page - Maxwell Technologies 7545ARPFE Datasheet HTML 5Page - Maxwell Technologies 7545ARPFE Datasheet HTML 6Page - Maxwell Technologies 7545ARPFE Datasheet HTML 7Page - Maxwell Technologies 7545ARPFE Datasheet HTML 8Page - Maxwell Technologies 7545ARPFE Datasheet HTML 9Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
All data sheets are subject to change without notice
©2001 Maxwell Technologies
All rights reserved.
12-Bit Buffered Multiplying
Digital to Analog Converter
7545A
02.05.02 Rev 4
F20-01
Note: All dimensions in inches
20 PIN RAD-PAK® FLAT PACKAGE
SYMBOL
DIMENSION
MIN
NOM
MAX
A
0.128
0.141
0.154
b
0.015
0.017
0.022
c
0.003
0.005
0.009
D
0.470
0.480
0.490
E
0.287
0.295
0.303
E1
--
--
0.333
E2
0.155
0.160
--
E3
0.030
0.068
--
e
0.050 BSC
L
0.350
0.380
0.390
Q
0.026
0.034
0.045
S1
0.005
0.007
--
N20



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com