Electronic Components Datasheet Search
  English  ▼

X  

7545ARPFE Datasheet(PDF) 1 Page - Maxwell Technologies

Part # 7545ARPFE
Description  12-Bit Buffered Multiplying Digital to Analog Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7545ARPFE Datasheet(HTML) 1 Page - Maxwell Technologies

  7545ARPFE Datasheet HTML 1Page - Maxwell Technologies 7545ARPFE Datasheet HTML 2Page - Maxwell Technologies 7545ARPFE Datasheet HTML 3Page - Maxwell Technologies 7545ARPFE Datasheet HTML 4Page - Maxwell Technologies 7545ARPFE Datasheet HTML 5Page - Maxwell Technologies 7545ARPFE Datasheet HTML 6Page - Maxwell Technologies 7545ARPFE Datasheet HTML 7Page - Maxwell Technologies 7545ARPFE Datasheet HTML 8Page - Maxwell Technologies 7545ARPFE Datasheet HTML 9Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
All data sheets are subject to change without notice
(858) 503-3300- Fax: (858) 503-3301- www.maxwell.com
12-Bit Buffered Multiplying
7545A
©2001 Maxwell Technologies
All rights reserved.
Digital to Analog Converter
02.05.02 Rev 4
REF
V
V
DD
DGND
AGND
OUT1
DB11-DBO
INPUT DATA LATCHES
DAC
12
12
12-BIT MULTIPYING
R FB
R
WR
CS
FEATURES:
•RAD-PAK® patented shielding against natural space radia-
tion
• Total dose hardness:
- > 100 krad (Si), depending upon space mission
• Excellent single event effects
- SEL
TH: > 120 MeV/mg/cm
2
- SEU
TH: > 120 MeV/mg/cm
2 using all 1’s
• Package:
- 20 pin RAD-PAK® Flat Pack
- 20 pin RAD-PAK® DIP
• Low gain temperature coefficient:
- 5 ppm/°C typ.
• Fast interface timing
• Single +5 V to +15 V supply
DESCRIPTION:
Maxwell Technologies’ 7545A is a 12-bit CMOS-buffered mul-
tiplying DAC with internal data latches, which features a
greater than 100 krad (Si) total dose tolerance, depending
upon space mission. The 7545A features a WR pulse width of
100 ns which allows interfacing to a much wider range of fast
8-bit and 16-bit microprocessors. It is loaded by a single 12-bit
wide word under the control of the CS and WR inputs; tying
these control inputs low makes the input latches transparent
allowing unbuffered operation of the DAC. The 7545A is par-
ticularly suitable for single supply operations and applications
with wide temperature variations.
Maxwell Technologies' patented RAD-PAK® packaging technol-
ogy incorporates radiation shielding in the microcircuit pack-
age. It eliminates the need for box shielding while providing
the required radiation shielding for a lifetime in orbit or space
mission. In a GEO orbit, RAD-PAK provides greater than 100
krad (Si) radiation dose tolerance. This product is available
with screening up to Class S.


Similar Part No. - 7545ARPFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7545 RENESAS-7545 Datasheet
1,007Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Heyco.
7545 HEYCO-7545 Datasheet
169Kb / 1P
Specialty Female Connectors
logo
Molex Electronics Ltd.
75450-0001 MOLEX-75450-0001 Datasheet
141Kb / 2P
0.80mm (.031?? Pitch SFP Stacked Multi-Port Connectors
75450-5001 MOLEX-75450-5001 Datasheet
60Kb / 2P
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
logo
Turck, Inc.
7545041 TURCK-7545041 Datasheet
232Kb / 2P
Switching power supply
2020-01-31
More results

Similar Description - 7545ARPFE

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7680 EXAR-MP7680 Datasheet
307Kb / 12P
5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
MP7528 EXAR-MP7528 Datasheet
142Kb / 16P
CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
MP7626 EXAR-MP7626 Datasheet
118Kb / 12P
Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7528 BURR-BROWN-DAC7528 Datasheet
76Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Exar Corporation
MP75L24 EXAR-MP75L24 Datasheet
507Kb / 8P
LOW VOLTAGE CMOS BUFFERED MULTIPLYING 8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Maxwell Technologies
7545B MAXWELL-7545B Datasheet
92Kb / 9P
12-Bit Buffered Multiplying Digital to Analog Converter
logo
Texas Instruments
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com