Electronic Components Datasheet Search
  English  ▼

X  

VSC7511 Datasheet(PDF) 187 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 187 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 183Page - Microsemi Corporation VSC7511 Datasheet HTML 184Page - Microsemi Corporation VSC7511 Datasheet HTML 185Page - Microsemi Corporation VSC7511 Datasheet HTML 186Page - Microsemi Corporation VSC7511 Datasheet HTML 187Page - Microsemi Corporation VSC7511 Datasheet HTML 188Page - Microsemi Corporation VSC7511 Datasheet HTML 189Page - Microsemi Corporation VSC7511 Datasheet HTML 190Page - Microsemi Corporation VSC7511 Datasheet HTML 191Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 324 page
background image
VCore-Ie System and CPU Interfaces
VMDS-10488 VSC7511 Datasheet Revision 4.2
172
first bit of read data. For information about access time, see Register Access and Multimaster Systems.
The external CPU must apply one of the following solutions to satisfy read access time.
•
Use SI_CLK with a period of minimum twice the access time for the register target. For example, for
normal switch core targets (single master):
1/(2 × 1 µs) = 500 kHz (maximum)
•
Pause the SI_CLK between shifting of serial address bit 0 and the first data bit with enough time to
satisfy the access time for the register target.
•
Configure the device to send out padding bytes before transmitting the read data to satisfy the
access time for the register target. For example, 1 dummy byte allows enough read time for the SI
clock to run up to 6 MHz in a single master system. See the following calculation.
The device is configured for inserting padding bytes by writing to IF_CFGSTAT.IF_CFG. These bytes are
transmitted before the read data. The maximum frequency of the SI clock is calculated as:
(IF_CFGSTAT.IF_CFG × 8 – 1.5)/access-time
For example, for normal switch core targets (single master), 1-byte padding give(1 × 8 – 1.5)
/1 µs = 6 MHz (maximum). The SI_DO output is kept tri-stated until the actual read data is transmitted.
The following illustrations show options for serial read access. The illustrations show only one mapping
of read data, little endian with most significant bit first. Any of the mappings can be configured and
applied to read data in the same way as for write data.
Figure 61 •
Read Sequence for SI_CLK Slow
Figure 62 •
Read Sequence for SI_CLK Pause
Figure 63 •
Read Sequence for One-Byte Padding
When dummy bytes are enabled (IF_CFGSTAT.IF_CFG), the SI slave logic enables an error check that
sends out 0x88888888 and sets IF_CFGSTAT.IF_STAT if the SI master does not provide enough time for
register read.
SI_nCS0
SI_CLK
SI_DI
SI_DO
2
1
2
0
1
9
1
8
1
7
1
6
1
5
1
4
1
3
1
2
1
1
1
0 98 76 5 4 3 2 1 0
Serial Address (SI_ADDR)
2
1
2
0
1
9
1
8
1
7
1
6
1
5
1
4
1
3
1
2
1
1
1
0 98 76 5 4 3 2 10
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
3
0
3
1
Serial Data
Big endian mode (IF_CTRL[0]=1), Most significant bit first (IF_CTRL[1]=0), no padding (IF_CFGSTAT.IF_CFG=0)
SI_nCS0
SI_CLK
SI_DI
SI_DO
2
1
2
0
1
9
1
8
1
7
1
6
1
5
1
4
1
3
1
2
1
1
1
0 98 7 6543 2 10
Serial Address (SI_ADDR)
2
1
2
0
1
9
1
8
1
7
1
6
1
5
1
4
1
3
1
2
1
1
1
0 9 8 76 5 4 3 21 0
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
3
0
3
1
Serial Data
Big endian mode (IF_CTRL[0]=1), Most significant bit first (IF_CTRL[1]=0), no padding (IF_CFGSTAT.IF_CFG=0)
pause
SI_nCS0
SI_CLK
SI_DI
SI_DO
2
1
2
0
1
9
1
8
1
7
1
6
1
5
1
4
1
3
1
2
1
1
1
0 98 7 6543 2 10
Serial Address (SI_ADDR)
2
1
2
0
1
9
1
8
1
7
1
6
1
5
1
4
1
3
1
2
1
1
1
0 9 8 76 5 4 3 21 0
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
3
0
3
1
Serial Data
Big endian mode (IF_CTRL[0]=1), Most significant bit first (IF_CTRL[1]=0), one-byte padding (IF_CFGSTAT.IF_CFG=1)
padding (1 byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com