Electronic Components Datasheet Search
  English  ▼

X  

VSC7511 Datasheet(PDF) 189 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 189 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 185Page - Microsemi Corporation VSC7511 Datasheet HTML 186Page - Microsemi Corporation VSC7511 Datasheet HTML 187Page - Microsemi Corporation VSC7511 Datasheet HTML 188Page - Microsemi Corporation VSC7511 Datasheet HTML 189Page - Microsemi Corporation VSC7511 Datasheet HTML 190Page - Microsemi Corporation VSC7511 Datasheet HTML 191Page - Microsemi Corporation VSC7511 Datasheet HTML 192Page - Microsemi Corporation VSC7511 Datasheet HTML 193Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 324 page
background image
VCore-Ie System and CPU Interfaces
VMDS-10488 VSC7511 Datasheet Revision 4.2
174
A 32-bit switch core register read or write transaction over the MIIM interface is done indirectly due to the
limited data width of the MIIM frame. First, the address of the register inside the device must be set in the
two 16-bit address registers of the MIIM slave using two MIIM write transactions. The two 16-bit data
registers can then be read or written to access the data value of the register inside the device. Thus, it
requires up to four MIIM transactions to perform a single read or write operation on a register target.
The address of the register to read/write is set in registers ADDR_REG0 and ADDR_REG1. The data to
write to the register pointed to by the address in ADDR_REG0 and ADDR_REG1 is first written to
DATA_REG0 and then to DATA_REG1. When the write transaction to DATA_REG1 is completed, the
MIIM slave initiates the switch core register write.
With the register address of a specific register (REG_ADDR), the MIIM address (MIIM_ADDR) is
calculated as:
MIIM_ADDR = (REG_ADDR & 0x00FFFFFF)>>2
The following illustration shows a single MIIM write transaction on the MIIM interface.
Figure 64 •
MIIM Slave Write Sequence
A read transaction is done in a similar way. First, read the DATA_REG0 and then read the DATA_REG1.
As with a write operation. The switch core register read is not initiated before the DATA_REG1 register is
read. In other words, the returned read value is from the previous read transaction.
The following illustration shows a single MIIM read transaction on the MIIM interface.
Figure 65 •
MIIM Slave Read Sequence
6
STAT_REG
The status register gives the status of any ongoing
operations.
Bit 0: Busy. Set while a register read/write operation is
in progress.
Bit 1: Busy_rd. Busy status during the last read or write
operation.
Bit 2: Err. Set if a register access error occurred.
Others: Reserved.
Table 138 •
MIIM Registers (continued)
Register Address
Register Name
Description
MDC
MDIO
//
//
//
//
//
//
//
//
//
//
//
//
PREAMBLE
32 bit
ST
2 bit
OP
2 bit
PHYAD
5 bit
REGAD
5 bit
TA
2 bit
DATA
16 bit
10
1
0
1
1
0
MDC
MDIO
//
//
//
//
//
//
//
//
//
//
//
//
PREAMBLE
32 bit
ST
2 bit
OP
2 bit
PHYAD
5 bit
REGAD
5 bit
TA
2 bit
DATA
16 bit
Z
0
11
01
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com