Electronic Components Datasheet Search
  English  ▼

X  

VSC7511 Datasheet(PDF) 191 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 191 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 187Page - Microsemi Corporation VSC7511 Datasheet HTML 188Page - Microsemi Corporation VSC7511 Datasheet HTML 189Page - Microsemi Corporation VSC7511 Datasheet HTML 190Page - Microsemi Corporation VSC7511 Datasheet HTML 191Page - Microsemi Corporation VSC7511 Datasheet HTML 192Page - Microsemi Corporation VSC7511 Datasheet HTML 193Page - Microsemi Corporation VSC7511 Datasheet HTML 194Page - Microsemi Corporation VSC7511 Datasheet HTML 195Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 324 page
background image
VCore-Ie System and CPU Interfaces
VMDS-10488 VSC7511 Datasheet Revision 4.2
176
•
If the second read is equal to 0x88888888, then the VA logic may have been busy during the read
and additional actions are required: First read the VA_CTRL.VA_BUSY field until the field is cleared
(VA logic is not busy). Then read VA_DATA_INERT. If VA_DATA_INERT returns 0x88888888, then
read-data is actually 0x88888888, continue to the next read. Otherwise, repeat the last read from
VA_DATA, VA_DATA_INCR, or VA_DATA_INERT and then continue to the next read from there.
Optimized reading can be used for single read and sequential read access. For sequential reads, the
VA_ADDR is only incremented on successful (non-busy) reads.
4.5.5
Mailbox and Semaphores
This section provides information about the semaphores and mailbox features for CPU to CPU
communication. The following table lists the registers associated with mailbox and semaphores.
The mailbox is a 32-bit register that can be set and cleared atomically using any CPU interface (including
the VCore-Ie CPU). The MAILBOX register allows reading (and writing) of the current mailbox value.
Atomic clear of individual bits in the mailbox register is done by writing a mask to MAILBOX_CLR. Atomic
setting of individual bits in the mailbox register is done by writing a mask to MAILBOX_SET.
The device implements two independent semaphores. The semaphores are part of the Switch Core
Register Bus (CSR) block and are accessible by means of the fast switch core registers. Semaphore
ownership can be taken by interfaces attached to the CSR. That is, the VCore-Ie, VRAP, SI, and MIIM
can be granted ownership.
Any CPU attached to an interface can attempt to take a semaphore n by reading SEMA0.SEMA0 or
SEMA1.SEMA1. If the result is 1, the corresponding semaphore was successfully taken and is now
owned by that interface. If the result is 0, the semaphore was not free. After successfully taking a
semaphore, all additional reads from the corresponding register will return 0. To release a semaphore,
write 1 to SEMA0.SEMA0 or SEMA1.SEMA1.
Note Any interface can release semaphores; it does not have to be the one that has taken the
semaphore. This allows implementation of handshaking protocols.
The current status for a semaphore is available in SEMA0_OWNER.SEMA0_OWNER and
SEMA1_OWNER.SEMA1_OWNER. See register description for encoding of owners.
Software interrupt is generated when semaphores are free or taken. Interrupt polarity is configured
through SEMA_CFG.SEMA_INTR_POL. Semaphore 0 is hooked up to SW0 interrupt and semaphore 1
is hooked up to SW1 interrupt. For configuration of software-interrupt, see Interrupt Controller.
In addition to interrupting on semaphore state, software interrupt can be manually triggered by writing
directly to the ICPU_CFG::INTR_FORCE register.
Software interrupts (SW0 and SW1) can be individually mapped to either the VCore-Ie CPU or to
external interrupt outputs (to an external CPU).
Table 140 •
Mailbox and Semaphore Registers
Register
Description
DEVCPU_ORG::MAILBOX_SET
Atomic set of bits in the mailbox register.
DEVCPU_ORG::MAILBOX_CLR
Atomic clear of bits in the mailbox register.
DEVCPU_ORG::MAILBOX
Current mailbox state.
DEVCPU_ORG::SEMA_CFG
Configuration of semaphore interrupts.
DEVCPU_ORG::SEMA0
Taking of semaphore 0.
DEVCPU_ORG::SEMA1
Taking of semaphore 1.
DEVCPU_ORG::SEMA0_OWNER
Current owner of semaphore 0.
DEVCPU_ORG::SEMA1_OWNER
Current owner of semaphore 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com