Electronic Components Datasheet Search
  English  ▼

X  

VSC7511 Datasheet(PDF) 194 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 194 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 190Page - Microsemi Corporation VSC7511 Datasheet HTML 191Page - Microsemi Corporation VSC7511 Datasheet HTML 192Page - Microsemi Corporation VSC7511 Datasheet HTML 193Page - Microsemi Corporation VSC7511 Datasheet HTML 194Page - Microsemi Corporation VSC7511 Datasheet HTML 195Page - Microsemi Corporation VSC7511 Datasheet HTML 196Page - Microsemi Corporation VSC7511 Datasheet HTML 197Page - Microsemi Corporation VSC7511 Datasheet HTML 198Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 324 page
background image
VCore-Ie System and CPU Interfaces
VMDS-10488 VSC7511 Datasheet Revision 4.2
179
3.
PCIE_CFG.PCIE_BAR_WR_ENA = 0
To optionally change selected PCIe configuration space values:
•
Write Vendor ID/Device ID using DEVICE_ID_VENDOR_ID.
•
Write Class Code/Revision ID using CLASS_CODE_REVISION_ID.
•
Write Subsystem ID/Subsystem Vendor ID using SUBSYSTEM_ID_SUBSYSTEM_VENDOR_ID.
Enable automatic link training for PCIe endpoint
1.
PCIE_CFG.LTSSM_DIS = 0
The last step enables the endpoint for link training, and the root complex will then be able to initialize the
PCIe endpoint. After this the PCIE parameters must not be changed anymore.
4.6.3
Base Address Registers Inbound Requests
The device implements two memory regions. Read and write operations using the PCIe are translated
directly to read and write access on the SBA. When manually bringing up the PCIe endpoint, BAR1 can
be disabled. For more information, see Manually Starting MAC/PCS and SerDes.
This region supports all access types.
To access the BAR1 region, a Flash must be attached to the SI interface of the device. For information
about how to set up I/O timing and to program the Flash through BAR0; the Chip Registers Region, see
SI Boot Controller, page 191.
4.6.4
Outbound Interrupts
The device supports both Message Signaled Interrupt (MSI) and Legacy PCI Interrupt Delivery. The root
complex configures the desired mode using the MSI enable bit in the PCIe MSI Capability Register Set.
For information about the VCore-Ie interrupt controller, see Interrupt Controller, page 215.
The following table lists the device registers associated PCIe outbound interrupts.
In legacy mode, one interrupt is supported; select either EXT_DST0 or EXT_DST1 using
PCIE_INTR_COMMON_CFG.LEGASY_MODE_INTR_SEL. The PCIe endpoint uses Assert_INTA and
Deassert_INTA messages when configured for legacy mode.
In MSI mode, both EXT_DST interrupts can be used. EXT_DST0 is configured though
PCIE_INTR_CFG[0] and EXT_DST1 through PCIE_INTR_CFG[1]. Enable message generation on rising
and/or falling edges in PCIE_INTR_CFG[n].INTR_RISING_ENA and
PCIE_INTR_CFG[n].INTR_FALLING_ENA. Different vectors can be generated for rising and falling
Table 142 •
Base Address Registers
Register
Description
BAR0, 32-bit, 32 megabytes
Chip registers region. This region maps to the Chip registers
region in the SBA address space. See Chip Register Region.
This region only supports 32-bit word-aligned reads and
writes. Single and burst accesses are supported.
BAR1, 32-bit, 16 megabytes
SI Flash region. This region maps to the SI Flash region in the
SBA address space. See SI Flash Region.
This region only supports 32-bit word-aligned reads. Single
and burst access is supported.
Table 143 •
PCIe Outbound Interrupt Registers
Register
Description
ICPU_CFG::PCIE_INTR_COMMON_CFG Interrupt mode and enable
ICPU_CFG::PCIE_INTR_CFG
MSI parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com