Electronic Components Datasheet Search
  English  ▼

X  

VSC7511 Datasheet(PDF) 198 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 198 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 194Page - Microsemi Corporation VSC7511 Datasheet HTML 195Page - Microsemi Corporation VSC7511 Datasheet HTML 196Page - Microsemi Corporation VSC7511 Datasheet HTML 197Page - Microsemi Corporation VSC7511 Datasheet HTML 198Page - Microsemi Corporation VSC7511 Datasheet HTML 199Page - Microsemi Corporation VSC7511 Datasheet HTML 200Page - Microsemi Corporation VSC7511 Datasheet HTML 201Page - Microsemi Corporation VSC7511 Datasheet HTML 202Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 324 page
background image
VCore-Ie System and CPU Interfaces
VMDS-10488 VSC7511 Datasheet Revision 4.2
183
4.7
Frame DMA
This section describes the Frame DMA engine (FDMA). When FDMA is enabled, Ethernet frames can be
extracted or injected autonomously to or from PCIe memory space. Linked list data structures in memory
are used for injecting or extracting Ethernet frames. The FDMA generates interrupts when frame
extraction or injection is done and when the linked lists needs updating.
Table 149 •
FDMA Registers
Register
Description
DEVCPU_QS::XTR_GRP_CFG
CPU port ownership, extraction direction.
DEVCPU_QS::INJ_GRP_CFG
CPU port ownership, injection direction.
DEVCPU_QS::INJ_CTRL
Injection EOF to SOF spacing.
SYS::PORT_MODE
Enables IFH and disables FCS recalculation (for
injected frames).
ICPU_CFG::FDMA_CH_CFG
Channel configuration, priorities, and so on.
ICPU_CFG::FDMA_CH_ACTIVATE
Enables channels.
ICPU_CFG::FDMA_CH_DISABLE
Disables channels.
ICPU_CFG::FDMA_CH_STAT
Status for channels.
ICPU_CFG::FDMA_CH_SAFE
Sets when safe to update channel linked lists.
ICPU_CFG::FDMA_DCB_LLP
Linked list pointer for channels.
ICPU_CFG::FDMA_DCB_LLP_PREV
Previous linked list pointer for channels.
ICPU_CFG::FDMA_CH_CNT
Software counters for channels.
ICPU_CFG::FDMA_INTR_LLP
NULL pointer event for channels.
ICPU_CFG::FDMA_INTR_LLP_ENA
Enables interrupt on NULL pointer event.
ICPU_CFG::FDMA_INTR_FRM
Frame done event for channels.
ICPU_CFG::FDMA_INTR_FRM_ENA
Enables interrupt on frame done event.
ICPU_CFG::FDMA_INTR_SIG
SIG counter incremented event for channels.
ICPU_CFG::FDMA_INTR_SIG_ENA
Enables interrupt on SIG counter event.
ICPU_CFG::MANUAL_INTR
Manual injection/extraction events.
ICPU_CFG::MANUAL_INTR_ENA
Enables interrupts on manual injection/extraction
events.
ICPU_CFG::FDMA_EVT_ERR
Error event for channels.
ICPU_CFG::FDMA_EVT_ERR_CODE
Error event description.
ICPU_CFG::FDMA_INTR_ENA
Enables interrupt for channels.
ICPU_CFG::FDMA_INTR_IDENT
Currently interrupting channels.
DEVCPU_QS::XTR_FRM_PRUNING
Enables pruning of extraction frames.
ICPU_CFG::FDMA_CH_INJ_TOKEN_CNT
Injection tokens.
ICPU_CFG::FDMA_CH_INJ_TOKEN_TICK_RLD Periodic addition of injection tokens.
ICPU_CFG::MANUAL_CFG
Configures manual injection/extraction.
ICPU_CFG::MANUAL_XTR
Memory region used for manual extraction.
ICPU_CFG::MANUAL_INJ
Memory region used for manual injection.
ICPU_CFG::FDMA_GCFG
Configures injection buffer watermark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com