Electronic Components Datasheet Search
  English  ▼

X  

VSC7511 Datasheet(PDF) 201 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 201 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 197Page - Microsemi Corporation VSC7511 Datasheet HTML 198Page - Microsemi Corporation VSC7511 Datasheet HTML 199Page - Microsemi Corporation VSC7511 Datasheet HTML 200Page - Microsemi Corporation VSC7511 Datasheet HTML 201Page - Microsemi Corporation VSC7511 Datasheet HTML 202Page - Microsemi Corporation VSC7511 Datasheet HTML 203Page - Microsemi Corporation VSC7511 Datasheet HTML 204Page - Microsemi Corporation VSC7511 Datasheet HTML 205Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 324 page
background image
VCore-Ie System and CPU Interfaces
VMDS-10488 VSC7511 Datasheet Revision 4.2
186
Figure 67 •
FDMA Channel States
A channel that has FDMA_DCB_LLP[ch].DCB_LLP==NULL when going from ACTIVE to UPDATING
disables itself instead of loading a new DCB. After this it can be re-enabled as previously described.
Extraction channels emit an INTR_LLP-event when loading a DCB with LLP==NULL. Injection channels
emit an INTR_LLP-event when saving status for a DCB that has the LLP==NULL.
Note: Extraction channel running out of DCBs during extraction is a problem that software must avoid. A
hanging extraction channel will potentially be head-of-line blocking other extraction channels.
It is possible to update an active channels LLP pointer and pointers in the DCB chains. Before changing
pointers software must schedule the channel for disabling (by writing
FDMA_CH_DISABLE.CH_DISABLE[ch]) and then wait for the channel to set
FDMA_CH_SAFE.CH_SAFE[ch]. When the pointer update is complete, soft must re-activate the channel
by setting FDMA_CH_ACTIVATE.CH_ACTIVATE[ch]. Setting activate will cancel the deactivate-request,
or if the channel has disabled itself in the meantime, it will re activate the channel.
Note: The address of the current DCB is available in FDMA_DCB_LLP_PREV[ch]. This information is useful
when modifying pointers for an active channel. The FDMA does not reload the current DCB when re-
activated, so if the LLP-field of the current DCB is modified, then software must also modify
FDMA_DCB_LLP[ch].
Setting FDMA_CH_CFG[ch].DONEEOF_STOP_ENA disables an FDMA channel and emits LLP-event
after saving status for DCBs that contains EOF (after extracting or injecting a complete frame). Setting
FDMA_CH_CFG[ch].DONE_STOP_ENA disables an FDMA channel and emits LLP-event after saving
status for any DCB.
4.7.3
Channel Counters
The FDMA implements three counters per channel: SIG, DCB, and FRM. These counters are accessible
through FDMA_CH_CNT[ch].CH_CNT_SIG, FDMA_CH_CNT[ch].CH_CNT_DCB, and
DISABLED
UPDATING
ACTIVE
Update STAT word at address
ICPU_CFG::FDMA_DCB_LLP_PREV[ch] + 0xC.
Disable when DCB.LLP == NULL or
user requested DISABLE of channel.
Enable when user requested
ACTIVATE of channel.
Load DCB from address
ICPU_CFG::FDMA_DCB_LLP[ch].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com