Electronic Components Datasheet Search
  English  ▼

X  

VSC7511 Datasheet(PDF) 197 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 197 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 193Page - Microsemi Corporation VSC7511 Datasheet HTML 194Page - Microsemi Corporation VSC7511 Datasheet HTML 195Page - Microsemi Corporation VSC7511 Datasheet HTML 196Page - Microsemi Corporation VSC7511 Datasheet HTML 197Page - Microsemi Corporation VSC7511 Datasheet HTML 198Page - Microsemi Corporation VSC7511 Datasheet HTML 199Page - Microsemi Corporation VSC7511 Datasheet HTML 200Page - Microsemi Corporation VSC7511 Datasheet HTML 201Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 324 page
background image
VCore-Ie System and CPU Interfaces
VMDS-10488 VSC7511 Datasheet Revision 4.2
182
power state changes and then have the VCore-Ie CPU software make application-specific changes to
the device operation depending on the power management state.
Because the device does not implement a dedicated auxiliary power for the PCIe endpoint, the endpoint
is operated from the VDD core power supply. Before the power management driver initializes the device,
software can “force” auxiliary power detection by writing PCIE_AUX_CFG = 3, which causes the
endpoint to report that it is capable of emitting Power Management Events (PME) messages in the D3c
state.
The current device power management state is available using PCIE_STAT.PM_STATE. A change in this
field’s value sets the PCIE_INTR.INTR_PM_STATE sticky bit. To enable this interrupt, set
PCIE_INTR_ENA.INTR_PM_STATE_ENA. The current state of the PCIe endpoint interrupt towards the
VCore-Ie interrupt controller is shown in PCIE_INTR_IDENT register (if different from zero, then interrupt
is active).
The endpoint can emit PMEs if the PME_En bit is set in the PM Capability Register Set and if the
endpoint is in power-down mode.
•
Outbound request from either SBA or FDMA trigger PME.
•
A change in status for an enabled outbound interrupt (either legacy or MSI) triggers PME. This
feature can be disabled by setting
ICPU_CFG::PCIE_INTR_COMMON_CFG.WAKEUP_ON_INTR_DIS.
In the D3 state, the endpoint transmits a beacon. The beacon function can be disabled and instead drive
the WAKE output using the overlaid GPIO function. For more information about the overlaid function on
the GPIO for this signal, see GPIO Overlaid Functions, page 204.
Enable WAKE by setting PCIEPCS_CFG.BEACON_DIS. The polarity of the WAKE output is configured
in PCIEPCS_CFG.WAKE_POL. The drive scheme is configured in PCIEPCS_CFG.WAKE_OE.
4.6.7
Device Reset Using PCIe
The built-in PCIe reset mechanism in the PCIe endpoint resets only the PCIe MAC. The device reset is
not tied into the MAC reset. To reset the complete the device, use the following procedure.
1.
Save the state of the PCIe controller registers using operating system.
2.
Set DEVCPU_GCB::SOFT_RST.SOFT_CHIP_RST.
3.
Wait for 100 ms.
4.
Recover state of PCIe controller registers using operating system.
Setting SOFT_CHIP_RST will cause re-initialization of the device.
Table 147 •
Power Management Registers
Register
Description
ICPU_CFG::PCIE_STAT
Current power management state
ICPU_CFG::PCIEPCS_CFG
Configuration of WAKE output and beacon
ICPU_CFG::PCIE_INTR
PCIe interrupt sticky events
ICPU_CFG::PCIE_INTR_ENA
Enable of PCIe interrupts
ICPU_CFG::PCIE_INTR_IDENT
Currently interrupting PCIe sources
ICPU_CFG::PCIE_AUX_CFG
Configuration of auxiliary power detection
Table 148 •
PCIe Wake Pin
Pin Name
I/O
Description
PCIe_WAKE/GPIO
O
PCIe WAKE output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com