Electronic Components Datasheet Search
  English  ▼

X  

VSC7511 Datasheet(PDF) 204 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 204 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 200Page - Microsemi Corporation VSC7511 Datasheet HTML 201Page - Microsemi Corporation VSC7511 Datasheet HTML 202Page - Microsemi Corporation VSC7511 Datasheet HTML 203Page - Microsemi Corporation VSC7511 Datasheet HTML 204Page - Microsemi Corporation VSC7511 Datasheet HTML 205Page - Microsemi Corporation VSC7511 Datasheet HTML 206Page - Microsemi Corporation VSC7511 Datasheet HTML 207Page - Microsemi Corporation VSC7511 Datasheet HTML 208Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 324 page
background image
VCore-Ie System and CPU Interfaces
VMDS-10488 VSC7511 Datasheet Revision 4.2
189
Tokens can be added to the token counter by writing the FDMA_CH_INJ_TOKEN_CNT[ich] register.
Tokens can also be added automatically (with a fixed interval) by using the dedicated token tick counter.
Setting FDMA_CH_INJ_TOKEN_TICK_RLD[ich] to a value n (different from 0) will cause one token to be
added to that injection channel every n x 200 ns.
4.7.7
Manual Mode
The decision making logic of the FDMA extraction path and/or injection paths can be disabled to give
control of the FDMA’s extraction and/or injection buffers directly to any master attached to the Shared
Bus Architecture. When operating in manual mode DCB structure, counters and most of the interrupts do
not apply.
Manual extraction and injection use hard-coded channel numbers.
•
Manual extraction mode uses FDMA channel 1 (port 12 extraction direction).
•
Manual injection mode uses FDMA channel 9 (port 12 injection direction).
To enable manual extraction, set MANUAL_CFG.XTR_ENA. The FDMA must not be enabled for FDMA
extraction when manual extraction mode is active. To enable manual injection, set
MANUAL_CFG.INJ_ENA and FDMA_CH_CFG[9].CH_INJ_CRP = 1. The FDMA must not be enabled for
FDMA injection when manual injection mode is active. Extraction and injection paths are independent.
For example, FDMA can control extraction at the same time as doing manual injection by means of the
CPU.
4.7.7.1
Manual Extraction
Extraction is done by reading one or more blocks of data from the extraction memory area. A block of
data is defined by reading one or more data words followed by reading of the extraction status word. The
extraction memory area is 16 kilobytes and is implemented as a replicated register region
MANUAL_XTR. The highest register in the replication (0xFFF) maps to the extraction status word. The
status word is updated by the extraction logic and shows the number of frame bytes read, SOF and EOF
indications, and PRUNED/ABORT indications.
Note During frame extraction, the CPU does not know the frame length. This means that the CPU must
check for EOF regularly during frame extraction. When reading a data block from the device, the CPU
can burst read from the memory area in such a way that the extraction status word is read as the last
word of the burst.
Figure 69 •
Extraction Status Word Encoding
The extraction logic updates the extraction status word while the CPU is reading out data for a block.
Prior to starting a new data block, the CPU can write the two least significant bits of the BLOCKO field.
The BLOCKO value is stored in the extraction logic and takes effect when the new data block is started.
Reading the status field always returns the BLOCKO value that applies to the current data block. Unless
[31:20]
[15:0]
16
17
18
19
BLOCKL: The amount of frame data (bytes) that
has been read in this block. The CPU might have
read more data than this, only valid frame data
(including Extraction Header) is counted here.
SOF: Start of frame, set if this block contains
start of a frame.
EOF: End of frame, set if this block contains end
of a frame.
ABORT: Set if this frame has been aborted by
the Queuing System. Write ‘1’ to discard the
remainder of the active frame.
PD: Pruned indication, set if the frame has been
pruned to less than original length.
BLOCKO: The amount of dummy bytes (non-frame
data) read before start of frame data.
BLOCKL
BLOCKO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com