Electronic Components Datasheet Search
  English  ▼

X  

VSC7511 Datasheet(PDF) 208 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 208 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 204Page - Microsemi Corporation VSC7511 Datasheet HTML 205Page - Microsemi Corporation VSC7511 Datasheet HTML 206Page - Microsemi Corporation VSC7511 Datasheet HTML 207Page - Microsemi Corporation VSC7511 Datasheet HTML 208Page - Microsemi Corporation VSC7511 Datasheet HTML 209Page - Microsemi Corporation VSC7511 Datasheet HTML 210Page - Microsemi Corporation VSC7511 Datasheet HTML 211Page - Microsemi Corporation VSC7511 Datasheet HTML 212Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 324 page
background image
VCore-Ie System and CPU Interfaces
VMDS-10488 VSC7511 Datasheet Revision 4.2
193
1.
Calculate an appropriate frequency divider value as described in SPI_MST_CFG.CLK_DIV. The SI
operates at no more than 25 MHz, and the maximum frequency of the SPI device must not be
exceeded. The VCore-Ie system frequency in the device is 250 MHz.
2.
The SPI device may require a FAST_READ command rather than normal READ when the SI
frequency is increased. Setting SPI_MST_CFG.FAST_READ_ENA makes the SI boot controller use
FAST_READ commands.
3.
Calculate SPI_MST_CFG.CS_DESELECT_TIME so that it matches how long the SPI device
requires chip-select to be deasserted between access. This value depends on the SI clock period
that results from the SPI_MST_CFG.CLK_DIV setting.
These parameters must be written to SPI_MST_CFG. The CLK_DIV field must either be written last or at
the same time as the other parameters. The SPI_MST_CFG register can be configured while also
booting up from the SI.
When the VCore-Ie CPU boots from the SI interface, the default values of the SPI_MST_CFG register
are used until the SI_MST_CFG is reconfigured with optimized parameters. This implies that SI_CLK is
operating at approximately 8.1 MHz, with normal read instructions and maximum gap between chip
select operations to the Flash.
Note The SPI boot master does optimized reading. SI_DI (from the Flash) is sampled just before
driving falling edge on SI_CLK (to the Flash). This greatly relaxes the round trip delay requirement for
SI_CLK to SI_DI, allowing high Flash clock frequencies.
4.8.2
SI Master Controller
This section describes the SPI master controller (SIMC) and how to use it for accessing external SPI
slave devices, such as programming of a serially attached Flash device on the boot interface. VCore
booting from serial Flash is handled by the SI boot master.
The following table lists the registers associated with the SI master controller.
Table 152 •
SI Master Controller Configuration Registers Overview
Register
Description
SIMC::CTRLR0
Transaction configuration
SIMC::CTRLR1
Configurations for receive-only mode
SIMC::SIMCEN
SI master controller enable
SIMC::SER
Slave select configuration
SIMC::BAUDR
Baud rate configuration
SIMC::TXFTLR
Tx FIFO threshold level
SIMC::RXFTLR
Rx FIFO Threshold Level
SIMC::TXFLR
Tx FIFO fill level
SIMC::RXFLR
Rx FIFO fill level
SIMC::SR
Various status indications
SIMC::IMR
Interrupt enable
SIMC::ISR
Interrupt sources
SIMC::RISR
Unmasked interrupt sources
SIMC::TXOICR
Clear of transmit FIFO overflow interrupt
SIMC::RXOICR
Clear of receive FIFO overflow interrupt
SIMC::RXUICR
Clear of receive FIFO underflow interrupt
SIMC::DR
Tx/Rx FIFO access
SIMC::RX_SAMPLE_DLY
RXD sample delay
ICPU_CFG::GENERAL_CTRL
Interface configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com