| Electronic Components Datasheet Search |
|
VSC7511 Datasheet(PDF) 210 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC7511 Datasheet(HTML) 210 Page - Microsemi Corporation |
|
210 / 324 page ![]() VCore-Ie System and CPU Interfaces VMDS-10488 VSC7511 Datasheet Revision 4.2 195 After completing all initial configurations, the SI master controller is enabled by writing SIMCEN.SIMCEN = 1. Some registers can only be written when the controller is in disabled state. This is noted in the register-descriptions for the affected registers. 4.8.2.1 SPI Protocol When the SI master controller is configured for SPI mode, clock polarity and position is configurable in CTRLR0.SCPH and CTRLR0.SCPOL. The following illustration shows the four possible combinations for 8-bit transfers. Figure 75 • SIMC SPI Clock Configurations Data is sampled in the middle of the data-eye. When using SPI protocol and transferring more than one data frame at the time, the controller performs one consecutive transfer. The following illustration shows a transfer of three data frames of 4 bits each. Note Transmitting transfers end when the transmit FIFO runs out of data frames. Receive only transfers end when the pre-defined number of data-frames is read from the SI interface. Figure 76 • SIMC SPI 3x Transfers 4.8.2.2 SSP Protocol The SSP protocol for transferring two 6-bit data frames is shown in the following illustration. When using SSP mode, CTRLR0.SCPH and CTRLR0.SCPOL must remain zero. SI_nCS0 SI_CLK SI_DO SI_DI 7 543 2 1 0 CTRLR0.SCPH = 0, CTRLR0.SCPOL = 0 6 SI_nCS0 SI_CLK SI_DO SI_DI 7 543 2 1 0 CTRLR0.SCPH = 1, CTRLR0.SCPOL = 0 6 SI_nCS0 SI_CLK SI_DO SI_DI 7 5 4 3 210 CTRLR0.SCPH = 1, CTRLR0.SCPOL = 1 6 SI_nCS0 SI_CLK SI_DO SI_DI 7 5 4 3 210 CTRLR0.SCPH = 0, CTRLR0.SCPOL = 1 6 7 543 2 1 0 6 7 5 4 3 210 6 7 5 4 3 210 6 7 543 2 1 0 6 SI_nCS0 SI_CLK SI_DO SI_DI 3 1 0 3 210 First frame 2 3 1 0 3 210 2 32 1 0 32 1 0 Second frame Third frame |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |