Electronic Components Datasheet Search
  English  ▼

X  

VSC7511 Datasheet(PDF) 206 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 206 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 202Page - Microsemi Corporation VSC7511 Datasheet HTML 203Page - Microsemi Corporation VSC7511 Datasheet HTML 204Page - Microsemi Corporation VSC7511 Datasheet HTML 205Page - Microsemi Corporation VSC7511 Datasheet HTML 206Page - Microsemi Corporation VSC7511 Datasheet HTML 207Page - Microsemi Corporation VSC7511 Datasheet HTML 208Page - Microsemi Corporation VSC7511 Datasheet HTML 209Page - Microsemi Corporation VSC7511 Datasheet HTML 210Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 324 page
background image
VCore-Ie System and CPU Interfaces
VMDS-10488 VSC7511 Datasheet Revision 4.2
191
Software can abort frames by writing to injection status with ABORT field set. All other status word fields
are ignored. When a frame is aborted, the already injected data is removed from the queuing system.
4.8
VCore-Ie System Peripherals
This section describes the subblocks of the VCore-Ie system. Although the subblocks are primarily
intended to be used by the VCore-Ie CPU, an external CPU can also access and control them through
the shared bus.
4.8.1
SI Boot Controller
The SPI boot master allows booting from a Flash that is connected to the serial interface. For information
about how to write to the serial interface, see SI Master Controller, page 193. For information about using
an external CPU to access device registers using the serial interface, see Serial Interface in Slave Mode,
page 170.
The following table lists the registers associated with the SI boot controller.
By default, the SI boot controller operates in 24-bit address mode. In this mode, there are four
programmable chip selects when the VCore-Ie system controls the SI. Each chip select can address up
to 16 megabytes (MB) of memory.
Figure 71 •
SI Boot Controller Memory Map in 24-Bit Mode
The SI boot controller can be reconfigured for 32-bit address mode through SPI_MST_CFG.A32B_ENA.
In 32-bit mode, the entire SI region of 256 megabytes (MB) is addressed using chip select 0.
Figure 72 •
SI Boot Controller Memory Map in 32-Bit Mode
Reading from the memory region for a specific SI chip select generates an SI read on that chip select.
The VCore-Ie CPU can execute code directly from Flash by executing from the SI boot controller’s
memory region. For 32-bit capable SI Flash devices, the VCore-Ie must start up in 24-bit mode. During
the boot process, it must manually reconfigure the Flash device (and SI boot controller) into 32-bit mode
and then continue booting.
The SI boot controller accepts 8-bit, 16-bit, and 32-bit read access with or without bursting. Writing to the
SI requires manual control of the SI pins using software. Setting SW_MODE.SW_PIN_CTRL_MODE
Table 150 •
SI Boot Controller Configuration Registers
Register
Description
ICPU_CFG::SPI_MST_CFG
Serial interface speed and address width
ICPU_CFG::SW_MODE
Legacy manual control of the serial interface pins
ICPU_CFG::GENERAL_CTRL
SI interface ownership
SI Controller Memory Map
Chip Select 0, SI_nCS0
SI Controller
16 MB
Chip Select 1, SI_nCS1
+0x01000000
16 MB
Chip Select 2, SI_nCS2
16 MB
Chip Select 3, SI_nCS3
16 MB
+0x02000000
+0x03000000
SI Controller Memory Map (32- bit)
Chip Select 0, SI_nCS0
SI Controller
256 MB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com