Electronic Components Datasheet Search
  English  ▼

X  

PJ75AL28SA Datasheet(PDF) 4 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJ75AL28SA
Description  Low Dropout Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJ75AL28SA Datasheet(HTML) 4 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJ75AL28SA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd, PJ75AL28SA Datasheet HTML 8Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PJ75AL40SA(TA=25℃)
PJ75AL44SA(TA=25℃)
PJ75AL50SA(TA=25℃)
Parameter
Symbol
Test conditions
Min.
Typ.
Max
Unit
Output voltage
VOUT
VIN=VOUT+2.0V, IOUT=10mA
3.920
4.0
4.080
V
Output current
IOUT
VIN=VOUT+2.0V
70
100
--
mA
Load regulation
ΔVOUT
VIN=VOUT+2.0V
1mA≤IOUT≤50mA
--
25
60
mV
Voltage drop Note2
VDIF
IOUT=1mA,ΔVOUT=2%
--
25
55
mV
Quiescent Current
IQ
No Load
--
2.5
3.0
μA
Line regulation
ΔVOUT /
VOUT×ΔVIN
VOUT+2.0V≤VIN≤30V,IOUT=1mA
--
--
0.2
%/V
Input voltage
VIN
--
--
--
36
V
Temperature
coefficient
ΔVOUT /VOUT
×
ΔTA
VIN= VOUT+2.0V, IOUT=10mA,
-40℃≤TA≤85℃
--
100
--
ppm/℃
Parameter
Symbol
Test conditions
Min.
Typ.
Max
Unit
Output voltage
VOUT
VIN=VOUT+2.0V ,IOUT=10mA
4.312
4.4
4.488
V
Output current
IOUT
VIN=VOUT+2.0V
70
100
--
mA
Load regulation
ΔVOUT
VIN=VOUT+2.0V
1mA≤IOUT≤50mA
--
25
60
mV
Voltage drop Note2
VDIF
IOUT=1mA,ΔVOUT=2%
--
25
55
mV
Quiescent Current
IQ
No Load
--
2.5
3.0
μA
Line regulation
ΔVOUT / VOUT
×
ΔVIN
VOUT+2.0V≤VIN≤30V,IOUT=1mA
--
--
0.2
%/V
Input voltage
VIN
--
--
--
36
V
Temperature
coefficient
ΔVOUT /VOUT
×
ΔTA
VIN= VOUT+2.0V, IOUT=10mA,
-40℃≤TA≤85℃
--
100
--
ppm/℃
Parameter
Symbol
Test conditions
Min.
Typ.
Max
Unit
Output voltage
VOUT
VIN=VOUT+2.0V ,IOUT=10mA
4.900
5.0
5.100
V
Output current
IOUT
VIN=VOUT+2.0V
100
150
--
mA
Load regulation
ΔVOUT
VIN=VOUT+2.0V
1mA≤IOUT≤70mA
--
25
60
mV
Voltage drop Note2
VDIF
IOUT=1mA,ΔVOUT=2%
--
25
55
mV
Quiescent Current
IQ
No Load
--
3.5
4.0
μA
Line regulation
ΔVOUT / VOUT
×
ΔVIN
VOUT+2.0 V≤VIN≤30V,IOUT=1mA
--
--
0.2
%/V
Input voltage
VIN
--
--
--
36
V
Temperature
coefficient
ΔVOUT /VOUT
×
ΔTA
VIN= VOUT+2.0V, IOUT=10mA,
-40℃≤TA≤85℃
--
100
--
ppm/℃
NOTE: 2.The difference of input voltage and output voltage when input voltage falls down gradually till output voltage equals to 98% of rating VOUT .
4 / 8
PJ75ALXXSA Series
Low Dropout Regulators
www.pingjingsemi.com
Revision:1.0 Sep-2019



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com